Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5644AF0MVZ2 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MVZ2 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MVZ2 Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 81Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
81
IDDSTBY
CC
T
Operating current
0.95-1.2 V
VSTBY at
55 oC
—
35
100
A
T
Operating current
2–5.5 V
VSTBY at
55 oC
—45
110
A
IDDSTBY27
CC
P
Operating current
0.95-1.2 V
VSTBY 27 oC25
90
A
P
Operating current
2-5.5 V
VSTBY 27 oC
35
100
A
IDDSTBY150
CC
P
Operating current
0.95-1.2 V
VSTBY
150 oC
—
790
2000
A
P
Operating current
2–5.5 V
VSTBY at
150 oC
—
760
2000
A
IDDPLL
CC
P
Operating current
1.2 V supplies
VDDPLL,
80 MHz,
VDD=1.2 V
—15
mA
IDDSLOW
IDDSTOP
CC
P
VDD low-power mode
operating current at
1.32 V
Slow
mode10
—90
mA
P
Stop mode11
—75
IDD33
CC
C
Operating current
3.3 V supplies
VRC331,12
—60
mA
IDDA
IREF
IDDREG
CC
P
Operating current
5.0 V supplies
VDDA
—
—
30.0
mA
P
Analog
reference
supply
current
(transient)
——
1.0
CVDDREG
——
7013
IDDH1
IDDH4
IDDH6
IDDH7
IDD7
IDDH9
IDD12
CC
D
Operating current
VDDE14 supplies
VDDEH1
—
—
See note 14
mA
DVDDEH4
——
DVDDEH6
——
DVDDEH7
——
DVDDE7
——
DVDDEH9
——
DVDDE12
——
Table 21. DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com