Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRMS=14V Datasheet(PDF) 11 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 11 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 7Page - EPCOS VRMS=14V Datasheet HTML 8Page - EPCOS VRMS=14V Datasheet HTML 9Page - EPCOS VRMS=14V Datasheet HTML 10Page - EPCOS VRMS=14V Datasheet HTML 11Page - EPCOS VRMS=14V Datasheet HTML 12Page - EPCOS VRMS=14V Datasheet HTML 13Page - EPCOS VRMS=14V Datasheet HTML 14Page - EPCOS VRMS=14V Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
1) Operating voltage differs from type designation.
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
VRMS = 440 V
B72205S0441K101
S05K440
440
585
400
16.0
0.10
B72207S0441K101
S07K440
440
585
1200
34.0
0.25
B72210S0441K101
S10K440
440
585
2500
47.0
0.40
B72214S0441K101
S14K440
440
585
4500
95.0
0.60
B72220S0441K101
S20K440
440
585
8000
185.0
1.00
VRMS = 460 V
B72205S0461K101
S05K460
460
615
400
18.0
0.10
B72207S0461K101
S07K460
460
615
1200
36.0
0.25
B72210S0461K101
S10K460
460
615
2500
50.0
0.40
B72214S0461K101
S14K460
460
615
4500
100.0
0.60
B72220S0461K101
S20K460
460
615
8000
195.0
1.00
VRMS = 510 V
B72210S0511K101
S10K510
510
670
2500
55.0
0.40
B72214S0511K101
S14K510
510
670
4500
110.0
0.60
B72220S0511K101
S20K510
510
670
6500
190.0
1.00
VRMS = 550 V
B72210S0551K101
S10K550
550
745
2500
60.0
0.40
B72214S0551K101
S14K550
550
745
4500
120.0
0.60
B72220S0551K101
S20K550
550
745
6500
210.0
1.00
VRMS = 625 V
B72210S0621K101
S10K625
625
825
2500
68.0
0.40
B72214S0621K101
S14K625
625
825
4500
130.0
0.60
B72220S0621K101
S20K625
625
825
6500
230.0
1.00
VRMS = 680 V
B72210S0681K101
S10K680
680
895
2500
72.0
0.40
B72214S0681K101
S14K680
680
895
4500
140.0
0.60
B72220S0681K101
S20K680
680
895
6500
250.0
1.00
VRMS = 1100 V
B72214S0102K101
S14K10001)
1100
1465
4500
230.0
0.60
B72220S0102K101
S20K10001)
1100
1465
6500
410.0
1.00
Leaded varistors
B722*
StandarD series
Page 11 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com