Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRMS=14V Datasheet(PDF) 21 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 21 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 17Page - EPCOS VRMS=14V Datasheet HTML 18Page - EPCOS VRMS=14V Datasheet HTML 19Page - EPCOS VRMS=14V Datasheet HTML 20Page - EPCOS VRMS=14V Datasheet HTML 21Page - EPCOS VRMS=14V Datasheet HTML 22Page - EPCOS VRMS=14V Datasheet HTML 23Page - EPCOS VRMS=14V Datasheet HTML 24Page - EPCOS VRMS=14V Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Test
Test methods/conditions
Requirement
Vibration
IEC 60068-2-6, test Fc, method B4
|
∆V/V (1 mA)| ≤5%
No visible damage
Frequency range:
Amplitude:
Duration:
Pulse:
10 … 55 Hz
0.75 mm or 98 m/s2
6 h (3 · 2 h)
sine wave
After repeatedly applying a single
harmonic vibration according to the
table above.
The change of VV shall be measured
and the specimen shall be visually
examined.
Bump
IEC 60068-2-29, test Eb
|
∆V/V (1 mA)| ≤5%
No visible damage
Pulse duration:
Max. acceleration:
Number of bumps:
Pulse:
6 ms
400 m/s2
4000
half sine
Fire hazard
IEC 60695-11-5 (needle flame test)
Severity: vertical 10 s
5 s max.
Note:
UCT = Upper category temperature
LCT = Lower category temperature
Rins = Insulation resistance
Leaded varistors
B722*
StandarD series
Page 21 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com