Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRMS=14V Datasheet(PDF) 2 Page - EPCOS

Part # VRMS=14V
Description  SIOV metal oxide varistors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V Datasheet(HTML) 2 Page - EPCOS

  VRMS=14V Datasheet HTML 1Page - EPCOS VRMS=14V Datasheet HTML 2Page - EPCOS VRMS=14V Datasheet HTML 3Page - EPCOS VRMS=14V Datasheet HTML 4Page - EPCOS VRMS=14V Datasheet HTML 5Page - EPCOS VRMS=14V Datasheet HTML 6Page - EPCOS VRMS=14V Datasheet HTML 7Page - EPCOS VRMS=14V Datasheet HTML 8Page - EPCOS VRMS=14V Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Construction
Round varistor element, leaded
Coating: epoxy resin, flame-retardant to UL 94 V-0
Features
Wide operating voltage range 11 … 1100 VRMS
High surge current ratings up to 8 kA
No derating up to 85
°C ambient temperature
PSpice models
Approvals
UL
CSA (all types
≥ K115)
VDE
CQC S05/07 (K11 … K460), S10/S14 (K11 … K680), S20 (K11 … K1000)
IEC
Delivery mode
Bulk (standard), taped versions on reel or in Ammo pack upon request.
For further details refer chapter "Taping, packaging and lead configuration" for leaded
varistors.
Options
S10* types with lead spacing 5.0 mm and S20* types with lead spacing 7.5 mm are also
available on request.
General technical data
Climatic category
to IEC 60068-1
40/85/56
Operating temperature
to IEC 61051
40 ... + 85
°C
Storage temperature
40 ... +125
°C
Electric strength
to IEC 61051
≥ 2.5
kVRMS
Insulation resistance
to IEC 61051
≥ 100
M
Ω
Response time
< 25
ns
Leaded varistors
B722*
StandarD series
Page 2 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com