Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2131FBD64/01 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2131FBD64/01
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2131FBD64/01 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2131FBD64/01 Datasheet HTML 1Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 2Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 3Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 4Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 5Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 6Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 7Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 8Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1.
General description
The LPC2131/32/34/36/38 microcontrollers are based on a 16/32-bit ARM7TDMI-S CPU
with real-time emulation and embedded trace support, that combine the microcontroller
with 32 kB, 64 kB, 128 kB, 256 kB and 512 kB of embedded high-speed flash memory. A
128-bit wide memory interface and a unique accelerator architecture enable 32-bit code
execution at maximum clock rate. For critical code size applications, the alternative 16-bit
Thumb mode reduces code by more than 30 % with minimal performance penalty.
Due to their tiny size and low power consumption, these microcontrollers are ideal for
applications where miniaturization is a key requirement, such as access control and
point-of-sale. With a wide range of serial communications interfaces and on-chip SRAM
options of 8 kB, 16 kB, and 32 kB, they are very well suited for communication gateways
and protocol converters, soft modems, voice recognition and low-end imaging, providing
both large buffer size and high processing power. Various 32-bit timers, single or dual
10-bit 8-channel ADC(s), 10-bit DAC, PWM channels and 47 GPIO lines with up to nine
edge or level sensitive external interrupt pins make these microcontrollers particularly
suitable for industrial control and medical systems.
2.
Features and benefits
2.1 Enhancements brought by LPC213x/01 devices
Fast GPIO ports enable port pin toggling up to 3.5 times faster than the original
LPC213x. They also allow for a port pin to be read at any time regardless of its
function.
Dedicated result registers for ADC(s) reduce interrupt overhead.
UART0/1 include fractional baud rate generator, auto-bauding capabilities and
handshake flow-control fully implemented in hardware.
Additional BOD control enables further reduction of power consumption.
2.2 Key features common for LPC213x and LPC213x/01
16/32-bit ARM7TDMI-S microcontroller in a tiny LQFP64 or HVQFN package.
8/16/32 kB of on-chip static RAM and 32/64/128/256/512 kB of on-chip flash program
memory. 128-bit wide interface/accelerator enables high-speed 60 MHz operation.
In-System Programming/In-Application Programming (ISP/IAP) via on-chip bootloader
software. Single flash sector or full chip erase in 400 ms and programming of 256 B in
1 ms.
EmbeddedICE RT and Embedded Trace interfaces offer real-time debugging with the
on-chip RealMonitor software and high-speed tracing of instruction execution.
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
ISP/IAP flash with 10-bit ADC and DAC
Rev. 5 — 2 February 2011
Product data sheet


Similar Part No. - LPC2131FBD64/01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2131FBD64/01 NXP-LPC2131FBD64/01 Datasheet
697Kb / 39P
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 04-16 October 2007
More results

Similar Description - LPC2131FBD64/01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104 Datasheet
155Kb / 32P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM
Rev. 04-05 February 2004
LPC2131 NXP-LPC2131 Datasheet
697Kb / 39P
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 04-16 October 2007
LPC2104 NXP-LPC2104 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2109 NXP-LPC2109 Datasheet
194Kb / 44P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2109 NXP-LPC2109_11 Datasheet
298Kb / 46P
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2368FET100 NXP-LPC2368FET100 Datasheet
405Kb / 69P
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2106BBD48.151 NXP-LPC2106BBD48.151 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2132FBD640115 PHILIPS-LPC2132FBD640115 Datasheet
402Kb / 45P
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
LPC2104 PHILIPS-LPC2104_15 Datasheet
200Kb / 41P
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2131 PHILIPS-LPC2131_15 Datasheet
402Kb / 45P
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com