Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2131FBD64/01 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC2131FBD64/01
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2131FBD64/01 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC2131FBD64/01 Datasheet HTML 24Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 25Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 26Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 27Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 28Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 29Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 30Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 31Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 2 February 2011
28 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[2]
The RTC typically fails when Vi(VBAT) drops below 1.6 V.
[3]
Including voltage on outputs in 3-state mode.
IBATpd
Power-down mode battery
supply current
RTC clock = 32 kHz
(from RTCX pins);
Tamb =25 °C
VDD = 3.0 V; Vi(VBAT) =2.5 V
[11] -14
-
μA
VDD = 3.0 V; Vi(VBAT) =3.0 V
-
16
-
μA
VDD = 3.3 V; Vi(VBAT) =3.3 V
-
18
-
μA
VDD = 3.6 V; Vi(VBAT) =3.6 V
-
20
-
μA
IBATact
active mode battery
supply current
CCLK = 60 MHz;
PCLK = 15 MHz;
PCLK enabled to RTCK;
RTC clock = 32 kHz
(from RTCX pins);
Tamb =25 °C
VDD = 3.0 V; Vi(VBAT) =3.0 V
[11]
-78
-
μA
VDD = 3.3 V; Vi(VBAT) =3.3 V
-
80
-
μA
VDD = 3.6 V; Vi(VBAT) =3.6 V
-
82
-
μA
IBATact(opt) optimized active mode
battery supply current
PCLK disabled to RTCK in the
PCONP register;
RTC clock = 32 kHz
(from RTCX pins);
Tamb =25 °C; Vi(VBAT) =3.3 V
CCLK = 6 MHz
[11][12]
-21
-
μA
CCLK = 25 MHz
-
23
-
μA
CCLK = 50 MHz
-
27
-
μA
CCLK = 60 MHz
-
30
-
μA
I2C-bus pins
VIH
HIGH-level input voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
-
0.05VDD
-V
VOL
LOW-level output voltage
IOLS =3 mA
[7] --
0.4
V
ILI
input leakage current
VI =VDD
[13] -2
4
μA
VI =5V
[13] -10
22
μA
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
01.8
1.95
V
Vo(XTAL2)
output voltage on pin
XTAL2
01.8
1.95
V
Vi(RTCX1)
input voltage on pin
RTCX1
01.8
1.95
V
Vo(RTCX2)
output voltage on pin
RTCX2
01.8
1.95
V
Table 6.
Static characteristics …continued
Tamb = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com