Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2131FBD64/01 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC2131FBD64/01
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2131FBD64/01 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC2131FBD64/01 Datasheet HTML 21Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 22Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 23Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 24Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 25Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 26Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 27Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 28Page - NXP Semiconductors LPC2131FBD64/01 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 2 February 2011
25 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
The ARM core has a Debug Communication Channel function built-in. The debug
communication channel allows a program running on the target to communicate with the
host debugger or another separate host without stopping the program flow or even
entering the debug state. The debug communication channel is accessed as a
co-processor 14 by the program running on the ARM7TDMI-S core. The debug
communication channel allows the JTAG port to be used for sending and receiving data
without affecting the normal program flow. The debug communication channel data and
control registers are mapped in to addresses in the EmbeddedICE logic.
6.19.2 Embedded trace
Since the LPC2131/32/34/36/38 have significant amounts of on-chip memory, it is not
possible to determine how the processor core is operating simply by observing the
external pins. The Embedded Trace Macrocell provides real-time trace capability for
deeply embedded processor cores. It outputs information about processor execution to
the trace port.
The ETM is connected directly to the ARM core and not to the main AMBA system bus. It
compresses the trace information and exports it through a narrow trace port. An external
trace port analyzer must capture the trace information under software debugger control.
Instruction trace (or PC trace) shows the flow of execution of the processor and provides a
list of all the instructions that were executed. Instruction trace is significantly compressed
by only broadcasting branch addresses as well as a set of status signals that indicate the
pipeline status on a cycle by cycle basis. Trace information generation can be controlled
by selecting the trigger resource. Trigger resources include address comparators,
counters and sequencers. Since trace information is compressed the software debugger
requires a static image of the code being executed. Self-modifying code can not be traced
because of this restriction.
6.19.3 RealMonitor
RealMonitor is a configurable software module, developed by ARM Inc., which enables
real time debug. It is a lightweight debug monitor that runs in the background while users
debug their foreground application. It communicates with the host using the DCC, which is
present in the EmbeddedICE logic. The LPC2131/32/34/36/38 contain a specific
configuration of RealMonitor software programmed into the on-chip flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com