Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API860 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # API860
Description  single chip high quality voice synthesizer IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API860 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  API860 Datasheet HTML 1Page - Aplus Intergrated Circuits API860 Datasheet HTML 2Page - Aplus Intergrated Circuits API860 Datasheet HTML 3Page - Aplus Intergrated Circuits API860 Datasheet HTML 4Page - Aplus Intergrated Circuits API860 Datasheet HTML 5Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APLUS INTEGRATED CIRCUITS INC.
API860G
http:// www.aplusinc.com.tw
3
ABSOLUTE MAXIMUM RATINGS :
Items
Sym.
Min.
Max.
Unit
Supply Voltage
VDD-VSS
-0.3
6.0
V
Input Voltage
VIN VSS
-0.3
VDD+0.3
V
Operating Temperature
TOP
0.0
70.0
oC
Storage Temperature
TSTG
-25.0
+125.0
oC
ELECTRICAL CHARACTERISTICS (25oC, VDD=3.0 Volts unless otherwise specified)
Parameter
Sym.
Min. Typ. Max. Unit
Condition
Operating voltage
VDD
2.4
3.0
5.1
V
Standby current
IDDS
-
-
2.0
µA
VDD=3V
Operating current
IDDO
-
180
350
µA
VDD=3V, No load,
constant current D/A operate
Operating current
IDDO
-
3
6
mA
VDD=3V, No load,
push-pull current D/A operate
Drive current of
P2,P3,P4
IOD
2.0
3.0
-
mA
VDD=3V, VO=2.4V
Sink current of P2
(before KEYB)
IOS
-
3.0
10.0
µA
VDD=3V, VO=3V
Sink current of P2
(after KEYB)
IOS
2.3
3.5
-
mA
VDD=3V, VO=0.4V
Sink current of P3,P4
IOS
2.3
3.5
-
mA
VDD=3V, VO=0.4V
Input current of P1
IIH
-
3.0
10.0
µA
VDD=3V
4.0
5.0
6.4
mA
VDD=3V, VO=0.7V
Output current of VO
IVO
4.0
5.3
6.7
mA
VDD=4.5V, VO=0.7V
Output current of
VO,VO1
120
150
-
mA
VDD IVO =3V, VO=V1=0.7V
470
-
KΩ
VDD=3V
Oscillation resistor
R
-
100
-
KΩ
VDD=3V
Oscillation frequency
FOSC 1.08
1.2
1.32
MHz
VDD=2.2~5.5V
APPLICATION CIRCUIT :
In the following application circuits:
*1 : For heavy loading application, adding an electrolytic capacitor between Vcc and Ground
is recommended.
The recommended value for button cell application is 10µF.
*2 : The recommended value for button cell application is 750,or less.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com