Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API860 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # API860
Description  single chip high quality voice synthesizer IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API860 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  API860 Datasheet HTML 1Page - Aplus Intergrated Circuits API860 Datasheet HTML 2Page - Aplus Intergrated Circuits API860 Datasheet HTML 3Page - Aplus Intergrated Circuits API860 Datasheet HTML 4Page - Aplus Intergrated Circuits API860 Datasheet HTML 5Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APLUS INTEGRATED CIRCUITS INC.
API860G
http:// www.aplusinc.com.tw
5
Download board operation :
15 V
Power sw
API860G
connect board
To PC print port
1. Connect to the PC print port .
2.
Put a API860G IC on the socket .
3.
Power supple: 15V.
4. Turn on the power sw .
5.
Press the programming button to
burn the IC .
(Use the MTP Writer software.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com