Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API860 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # API860
Description  single chip high quality voice synthesizer IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API860 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  API860 Datasheet HTML 1Page - Aplus Intergrated Circuits API860 Datasheet HTML 2Page - Aplus Intergrated Circuits API860 Datasheet HTML 3Page - Aplus Intergrated Circuits API860 Datasheet HTML 4Page - Aplus Intergrated Circuits API860 Datasheet HTML 5Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APLUS INTEGRATED CIRCUITS INC.
API860G
http:// www.aplusinc.com.tw
1
GENERAL DESCRIPTION :
API860G is 63 seconds single chip high quality voice synthesizer IC which contains one 4-bit
Input port, three 4-bit I/O ports and a 4 bits CPU controller. By programming through the 4 bits CPU
controller, user's application includes section combination, trigger mode, control outputs, keyboard
matrix and other logic function can be easily implemented.
FEATURES :
• Single power supply.
• Crystal/Ring oscillator option.
• 63 seconds voice capacity.
• I/O port : 4 I + 12 I / O (But only P1 and P2 can wake up)
• Power down mode for saving power consumption.
• Reset pin available.
• Single ROM for voice program. Maximum 32 K program addressing size available.
• Readable ROM data.
• One 6 bit timer overflow control is provided.
• Two stack for subroutine call.
• 5 bits ASPCM synthesis.
• 38K Hz modulation for IR transmission.
• 15 steps volume control.
• Direct Drive/traditional DAC.
• 8 bits resolution D/A.
PIN DESCRIPTIONS :
Symbol
I/O
Function
P1.0
I
Bit 0 of Port 1.
P1.1
I
Bit 1 of Port 1.
P1.2
I
Bit 2 of Port 1.
P1.3
I
Bit 3 of Port 1.
P2.0
I/O
Bit 0 of Port 2.
P2.1
I/O
Bit 1 of Port 2.
P2.2
I/O
Bit 2 of Port 2.
P2.3
I/O
Bit 3 of Port 2.
P3.0
I/O
Bit 0 of Port 3.
P3.1
I/O
Bit 1 of Port 3.
P3.2
I/O
Bit 2 of Port 3. The pin can generate 38KHz square wave.
P3.3
I/O
Bit 3 of Port 3. The pin can be treated as an LED output flashing with volume
P4.0
I/O
Bit 0 of Port 4
P4.1
I/O
Bit 0 of Port 4
P4.2
I/O
Bit 0 of Port 4
P4.3
I/O
Bit 0 of Port 4
VDD
I
Positive digital power supply.
OSCI
I
Ring oscillator/crystal input pin.
RESET
I
Reset Pin.
OSCO
O
Crystal output pin.
TEST
I
For testing only.
VSSD
I
Negative digital power supply.
VCC
I
Positive analog power supply.
VSSC
I
Negative analog power supply.
VO
O
Constant current output / Push Pull voice output.
VO1
O
Push Pull voice output.


Similar Part No. - API860

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API8108A APLUS-API8108A Datasheet
783Kb / 10P
VERSATILE 10 SEC INSTANT VOICE ROM
API8208 APLUS-API8208 Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API8208G APLUS-API8208G Datasheet
42Kb / 2P
OTP VOICE SERIES
API8208G-8 APLUS-API8208G-8 Datasheet
42Kb / 2P
OTP VOICE SERIES
More results

Similar Description - API860

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API820G APLUS-API820G Datasheet
584Kb / 5P
tiny-controller-based voice synthesizer IC
AU1564 APLUS-AU1564 Datasheet
1Mb / 12P
single chip voice synthesizer with 4-bit microprocessor
AVXX08 APLUS-AVXX08 Datasheet
443Kb / 10P
single-chip voice synthesizing CMOS IC
AVXX16K APLUS-AVXX16K Datasheet
364Kb / 10P
single-chip voice synthesizing CMOS IC
AVXX32A APLUS-AVXX32A Datasheet
392Kb / 13P
single-chip voice synthesizing CMOS IC
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
VOICE SYNTHESIZER
logo
Winbond
W528S03 WINBOND-W528S03 Datasheet
529Kb / 17P
ADPCM VOICE SYNTHESIZER
logo
NXP Semiconductors
PCF8200 PHILIPS-PCF8200 Datasheet
580Kb / 14P
VOICE SYNTHESIZER
July 1986
logo
Nippon Precision Circui...
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
High Tone Quality Melody IC
logo
JSC ALFA.
AS3394 ALFA-AS3394 Datasheet
505Kb / 8P
CONTROLLABLE SYNTHESIZER VOICE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com