Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5347 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5347
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5347 Datasheet(HTML) 1 Page - Analog Devices

  AD5347 Datasheet HTML 1Page - Analog Devices AD5347 Datasheet HTML 2Page - Analog Devices AD5347 Datasheet HTML 3Page - Analog Devices AD5347 Datasheet HTML 4Page - Analog Devices AD5347 Datasheet HTML 5Page - Analog Devices AD5347 Datasheet HTML 6Page - Analog Devices AD5347 Datasheet HTML 7Page - Analog Devices AD5347 Datasheet HTML 8Page - Analog Devices AD5347 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.5 V to 5.5 V, Parallel Interface
Octal Voltage Output 8-/10-/12-Bit DACs
AD5346/AD5347/AD5348
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
AD5346: octal 8-bit DAC
AD5347: octal 10-bit DAC
AD5348: octal 12-bit DAC
Low power operation: 1.4 mA (max) @ 3.6 V
Power-down to 120 nA @ 3 V, 400 nA @ 5 V
Guaranteed monotonic by design over all codes
Rail-to-rail output range: 0 V to VREF or 0 V to 2 × VREF
Power-on reset to 0 V
Simultaneous update of DAC outputs via LDAC pin
Asynchronous CLR facility
Readback
Buffered/unbuffered reference inputs
20 ns WR time
38-lead TSSOP/6 mm × 6 mm 40-lead LFCSP packaging
Temperature range: –40°C to +105°C
APPLICATIONS
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Optical networking
Automatic test equipment
Mobile communications
Programmable attenuators
Industrial process control
GENERAL DESCRIPTION
The AD5346/AD5347/AD53481 are octal 8-, 10-, and 12-bit
DACs, operating from a 2.5 V to 5.5 V supply. These devices
incorporate an on-chip output buffer that can drive the output
to both supply rails, and also allow a choice of buffered or
unbuffered reference input.
The AD5346/AD5347/AD5348 have a parallel interface. CS
selects the device and data is loaded into the input registers on
the rising edge of WR. A readback feature allows the internal
DAC registers to be read back through the digital port.
The GAIN pin on these devices allows the output range to be
set at 0 V to VREF or 0 V to 2 × VREF.
Input data to the DACs is double-buffered, allowing simultane-
ous update of multiple DACs in a system using the LDAC pin.
An asynchronous CLR input is also provided, which resets the
contents of the input register and the DAC register to all zeros.
These devices also incorporate a power-on reset circuit that
ensures that the DAC output powers on to 0 V and remains
there until valid data is written to the device.
All three parts are pin compatible, which allows users to select
the amount of resolution appropriate for their application
without redesigning their circuit board.
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
STRING
DAC A
STRING
DAC B
STRING
DAC D
STRING
DAC E
STRING
DAC F
STRING
DAC G
STRING
DAC H
DGND
VOUTB
VOUTC
VOUTD
VOUTE
VOUTG
VOUTH
VOUTF
VDD
POWER-ON
RESET
VOUTA
VREFEF
VREFAB
PD
INTER-
FACE
LOGIC
GAIN
DB11
DB0
CS
WR
A0
A1
CLR
LDAC
.
.
.
BUF
A2
RD
VREFGH
VREFCD
AGND
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
AD5348
POWER-DOWN
LOGIC
Figure 1.
1Protected by U.S. Patent No. 5,969,657.


Similar Part No. - AD5347

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5347 AD-AD5347 Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
AD5347BCP AD-AD5347BCP Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
AD5347BCP-REEL AD-AD5347BCP-REEL Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
AD5347BCP-REEL7 AD-AD5347BCP-REEL7 Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
AD5347BRU AD-AD5347BRU Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
More results

Similar Description - AD5347

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5332 AD-AD5332 Datasheet
274Kb / 20P
2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
AD5334 AD-AD5334 Datasheet
324Kb / 20P
2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5335 AD-AD5335_15 Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336 AD-AD5336_15 Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5342 AD-AD5342_15 Datasheet
327Kb / 20P
2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5343 AD-AD5343_15 Datasheet
327Kb / 20P
2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5348 AD-AD5348_15 Datasheet
476Kb / 24P
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com