Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5347 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5347
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5347 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5347 Datasheet HTML 16Page - Analog Devices AD5347 Datasheet HTML 17Page - Analog Devices AD5347 Datasheet HTML 18Page - Analog Devices AD5347 Datasheet HTML 19Page - Analog Devices AD5347 Datasheet HTML 20Page - Analog Devices AD5347 Datasheet HTML 21Page - Analog Devices AD5347 Datasheet HTML 22Page - Analog Devices AD5347 Datasheet HTML 23Page - Analog Devices AD5347 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 22 of 24
Table 9. Overview of AD53xx Parallel Devices
Additional Pin Functions
Part No.
Resolution
DNL
VREF Pins
Settling Time
BUF
GAIN
HBEN
CLR
Package
Pins
SINGLES
AD5330
8
±0.25
1
6 µs
TSSOP
20
AD5331
10
±0.5
1
7 µs
TSSOP
20
AD5340
12
±1.0
1
8 µs
TSSOP
24
AD5341
12
±1.0
1
8 µs
TSSOP
20
DUALS
AD5332
8
±0.25
2
6 µs
TSSOP
20
AD5333
10
±0.5
2
7 µs
TSSOP
24
AD5342
12
±1.0
2
8 µs
TSSOP
28
AD5343
12
±1.0
1
8 µs
TSSOP
20
QUADS
AD5334
8
±0.25
2
6 µs
TSSOP
24
AD5335
10
±0.5
2
7 µs
TSSOP
24
AD5336
10
±0.5
4
7 µs
TSSOP
28
AD5344
12
±1.0
4
8 µs
TSSOP
28
OCTALS
AD5346
8
±0.25
4
6 µs
TSSOP, LFCSP
38, 40
AD5347
10
±0.5
4
7 µs
TSSOP, LFCSP
38, 40
AD4348
12
±1.0
4
8 µs
TSSOP, LFCSP
38, 40
Table 10. Overview of AD53xx Serial Devices
Part No.
Resolution
DNL
VREF Pins
Settling Time
Interface
Package
Pins
SINGLES
AD5300
8
±0.25
0 (VREF = VDD)
4 µs
SPI®
SOT-23, MSOP
6, 8
AD5310
10
±0.5
0 (VREF = VDD)
6 µs
SPI
SOT-23, MSOP
6, 8
AD5320
12
±1.0
0 (VREF = VDD)
8 µs
SPI
SOT-23, MSOP
6, 8
AD5301
8
±0.25
0 (VREF = VDD)
6 µs
2-Wire
SOT-23, MSOP
6, 8
AD5311
10
±0.5
0 (VREF = VDD)
7 µs
2-Wire
SOT-23, MSOP
6, 8
AD5321
12
±1.0
0 (VREF = VDD)
8 µs
2-Wire
SOT-23, MSOP
6, 8
DUALS
AD5302
8
±0.25
2
6 µs
SPI
MSOP
8
AD5312
10
±0.5
2
7 µs
SPI
MSOP
8
AD5322
12
±1.0
2
8 µs
SPI
MSOP
8
AD5303
8
±0.25
2
6 µs
SPI
TSSOP
16
AD5313
10
±0.5
2
7 µs
SPI
TSSOP
16
AD5323
12
±1.0
2
8 µs
SPI
TSSOP
16
QUADS
AD5304
8
±0.25
1
6 µs
SPI
MSOP
10
AD5314
10
±0.5
1
7 µs
SPI
MSOP
10
AD5324
12
±1.0
1
8 µs
SPI
MSOP
10
AD5305
8
±0.25
1
6 µs
2-Wire
MSOP
10
AD5315
10
±0.5
1
7 µs
2-Wire
MSOP
10
AD5325
12
±1.0
1
8 µs
2-Wire
MSOP
10
AD5306
8
±0.25
4
6 µs
2-Wire
TSSOP
16
AD5316
10
±0.5
4
7 µs
2-Wire
TSSOP
16
AD5326
12
±1.0
4
8 µs
2-Wire
TSSOP
16
AD5307
8
±0.25
2
6 µs
SPI
TSSOP
16
AD5317
10
±0.5
2
7 µs
SPI
TSSOP
16
AD5327
12
±1.0
2
8 µs
SPI
TSSOP
16
OCTALS
AD5308
8
±0.25
2
6 µs
SPI
TSSOP
16
AD5318
10
±0.5
2
7 µs
SPI
TSSOP
16
AD5328
12
±1.0
2
8 µs
SPI
TSSOP
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com