Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5347 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5347
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5347 Datasheet(HTML) 3 Page - Analog Devices

  AD5347 Datasheet HTML 1Page - Analog Devices AD5347 Datasheet HTML 2Page - Analog Devices AD5347 Datasheet HTML 3Page - Analog Devices AD5347 Datasheet HTML 4Page - Analog Devices AD5347 Datasheet HTML 5Page - Analog Devices AD5347 Datasheet HTML 6Page - Analog Devices AD5347 Datasheet HTML 7Page - Analog Devices AD5347 Datasheet HTML 8Page - Analog Devices AD5347 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 3 of 24
SPECIFICATIONS
Table 1. VDD = 2.5 V to 5.5 V; VREF = 2 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX,
unless otherwise noted
B Version1
Parameter2
Min
Typ
Max
Unit
Conditions/Comments
DC PERFORMANCE3,4
AD5346
Resolution
8
Bits
Relative Accuracy
±0.15
±1
LSB
Differential Nonlinearity
±0.02
±0.25
LSB
Guaranteed monotonic by design over all codes
AD5347
Resolution
10
Bits
Relative Accuracy
±0.5
±4
LSB
Differential Nonlinearity
±0.05
±0.5
LSB
Guaranteed monotonic by design over all codes
AD5348
Resolution
12
Bits
Relative Accuracy
±2
±16
LSB
Differential Nonlinearity
±0.2
±1
LSB
Guaranteed monotonic by design over all codes
Offset Error
±0.4
±3
% of FSR
Gain Error
±0.1
±1
% of FSR
Lower Deadband5
10
60
mV
Lower deadband exists only if offset error is negative
Upper Deadband5
10
60
mV
VDD = 5 V; upper deadband exists only if VREF = VDD
Offset Error Drift6
–12
ppm of FSR/°C
Gain Error Drift6
–5
ppm of FSR/°C
DC Power Supply Rejection
Ratio6
–60
dB
∆VDD = ±10%
DC Crosstalk6
200
µV
RL = 2 kΩ to GND, 2 kΩ to VDD; CL = 200 pF to GND;
Gain = +1
DAC REFERENCE INPUT6
VREF Input Range
1
VDD
V
Buffered reference mode
VREF Input Range
0.25
VDD
V
Unbuffered reference mode
VREF Input Impedance
>10
MΩ
Buffered reference mode and power-down mode
90
kΩ
Gain = +1; input impedance = RDAC
45
kΩ
Gain = +2; input impedance = RDAC
Reference Feedthrough
–90
dB
Frequency = 10 kHz
Channel-to-Channel Isolation
–75
dB
Frequency = 10 kHz
OUTPUT CHARACTERISTICS6
Minimum Output Voltage4, 7
0.001
V min
Rail-to-rail operation
Maximum Output Voltage4, 7
VDD –
0.001
V max
DC Output Impedance
0.5
Ω
Short Circuit Current
25
mA
VDD = 5 V
16
mA
VDD = 3 V
Power-Up Time
2.5
µs
Coming out of power-down mode; VDD = 5 V
5
µs
Coming out of power-down mode; VDD = 3 V
LOGIC INPUTS
6
Input Current
±1
µA
VIL, Input Low Voltage
0.8
V
VDD = 5 V ±10%
0.7
V
VDD = 3 V ±10%
0.6
V
VDD = 2.5 V
VIH, Input High Voltage
1.7
V
VDD = 2.5 V to 5.5 V
Pin Capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com