Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5331 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5331
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5331 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5331 Datasheet HTML 9Page - Analog Devices AD5331 Datasheet HTML 10Page - Analog Devices AD5331 Datasheet HTML 11Page - Analog Devices AD5331 Datasheet HTML 12Page - Analog Devices AD5331 Datasheet HTML 13Page - Analog Devices AD5331 Datasheet HTML 14Page - Analog Devices AD5331 Datasheet HTML 15Page - Analog Devices AD5331 Datasheet HTML 16Page - Analog Devices AD5331 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 13 of 24
VREF(V)
0.5
0.3
0.2
0.1
0.4
–0.5
–0.4
0
–0.3
–0.2
–0.1
01
2
3
4
5
MAX INL
MAX DNL
MIN INL
MIN DNL
VDD = 5V
TA = 25°C
Figure 20. AD5346 INL and DNL Error vs. VREF
TEMPERATURE (
°C)
0.5
0.2
–0.5
–40
0
–2040
20
0
–0.2
60
80
100
–0.4
–0.3
–0.1
0.1
0.3
0.4
MAX INL
MAX DNL
MIN INL
VDD = 5V
VREF = 2V
MIN DNL
Figure 21. AD5346 INL and DNL Error vs. Temperature
TEMPERATURE (
°C)
–1.0
1.0
0.5
–40
–20
0
40
20
0
–0.5
80
60
100
OFFSET ERROR
GAIN ERROR
VDD = 5V
VREF = 2V
Figure 22. AD5346 Offset Error and Gain Error vs. Temperature
VDD (V)
0.2
0
–0.6
0
2
1
3
–0.4
–0.2
45
6
–0.5
–0.3
–0.1
0.1
TA = 25°C
VREF = 2V
OFFSET ERROR
GAIN ERROR
Figure 23. Offset Error and Gain Error vs. VDD
SINK/SOURCE CURRENT (mA)
5
0
0
2
1
3
3
45
6
1
2
4
5V SOURCE
3V SOURCE
5V SINK
3V SINK
Figure 24. VOUT Source and Sink Current Capability
DAC CODE
1.0
0.8
0
ZERO SCALE
HALF SCALE
0.2
0.4
FULL SCALE
0.1
0.3
0.5
0.6
0.7
0.9
VDD = 5V
TA = 25°C
Figure 25. Supply Current vs. DAC Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com