Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5331 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5331
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5331 Datasheet(HTML) 2 Page - Analog Devices

  AD5331 Datasheet HTML 1Page - Analog Devices AD5331 Datasheet HTML 2Page - Analog Devices AD5331 Datasheet HTML 3Page - Analog Devices AD5331 Datasheet HTML 4Page - Analog Devices AD5331 Datasheet HTML 5Page - Analog Devices AD5331 Datasheet HTML 6Page - Analog Devices AD5331 Datasheet HTML 7Page - Analog Devices AD5331 Datasheet HTML 8Page - Analog Devices AD5331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Specifications..................................................................................... 3
AC Characteristics............................................................................ 4
Timing Characteristics..................................................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
AD5346 Pin Configurations and Function Descriptions ........... 7
AD5347 Pin Configurations and Function Descriptions ........... 8
AD5348 Pin Configurations and Function Descriptions ........... 9
Terminology .................................................................................... 10
Typical Performance Characteristics ........................................... 12
Functional Description .................................................................. 16
Digital-to-Analog Section ......................................................... 16
Resistor String ............................................................................. 16
DAC Reference Input................................................................. 16
Output Amplifier ........................................................................ 16
Parallel Interface ......................................................................... 17
Power-On Reset.......................................................................... 17
Power-Down Mode .................................................................... 17
Suggested Data Bus Formats..................................................... 18
Applications Information .............................................................. 19
Typical Application Circuits ..................................................... 19
Driving VDD from the Reference Voltage................................. 19
Bipolar Operation Using the AD5346/AD5347/AD5348..... 19
Decoding Multiple AD5346/AD5347/AD5348s.................... 20
AD5346/AD5347/AD5348 as Digitally Programmable
Window Detectors ...................................................................... 20
Programmable Current Source ................................................ 20
Coarse and Fine Adjustment Using the
AD5346/AD5347/AD5348 ....................................................... 21
Power Supply Bypassing and Grounding................................ 21
Outline Dimensions ....................................................................... 23
Ordering Guides......................................................................... 24
REVISION HISTORY
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com