Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5331 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5331
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5331 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5331 Datasheet HTML 15Page - Analog Devices AD5331 Datasheet HTML 16Page - Analog Devices AD5331 Datasheet HTML 17Page - Analog Devices AD5331 Datasheet HTML 18Page - Analog Devices AD5331 Datasheet HTML 19Page - Analog Devices AD5331 Datasheet HTML 20Page - Analog Devices AD5331 Datasheet HTML 21Page - Analog Devices AD5331 Datasheet HTML 22Page - Analog Devices AD5331 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 19 of 24
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUITS
The AD5346/AD5347/AD5348 can be used with a wide range
of reference voltages, especially if the reference inputs are
configured as unbuffered, in which case the devices offer full,
one-quadrant multiplying capability over a reference range of
0.25 V to VDD. More typically, these devices may be used with a
fixed, precision reference voltage. Figure 41 shows a typical
setup for the devices when using an external reference
connected to the reference inputs. Suitable references for 5 V
operation are the AD780, ADR381, and REF192 (2.5 V refer-
ences). For 2.5 V operation, suitable external references are the
AD589 and the AD1580 (1.2 V band gap references).
AD5346/AD5347/
AD5348
VOUT*
0.1
µF
VDD = 2.5V to 5.5V
VDD
GND
AD780/ADR381/REF192
WITH VDD = 5V
OR AD589/AD1580 WITH
VDD = 2.5V
VREF*
GND
*ONLY ONE CHANNEL OF VREF AND VOUT SHOWN
10
µF
VOUT
VIN
EXT
REF
Figure 41. AD5346/AD5347/AD5348 Using an External Reference
DRIVING VDD FROM THE REFERENCE VOLTAGE
If an output range of 0 V to VDD is required, the simplest
solution is to connect the reference inputs to VDD. Because this
supply may not be very accurate and may be noisy, the devices
can be powered from the reference voltage, for example, by
using a 5 V reference such as the ADM663 or ADM666, as
shown in Figure 42.
AD5346/AD5347/
AD5348
VOUT*
0.1
µF
6V TO 16V
VDD
GND
VREF*
GND
*ONLY ONE CHANNEL OF VREF AND VOUT SHOWN
10
µF
VOUT(2)
VIN
EXT
REF
0.1
µF
GND
SENSE
SHDN
VSET
ADM663/ADM666
Figure 42. Using an ADM663/ADM666 as Power and
Reference to the AD5346/AD5347/AD5348
BIPOLAR OPERATION USING THE
AD5346/AD5347/AD5348
The AD5346/AD5347/AD5348 have been designed for single-
supply operation, but a bipolar output range is also possible by
using the circuit shown in Figure 43. This circuit has an output
voltage range of ±5 V. Rail-to-rail operation at the amplifier
output is achievable using an AD820, an AD8519, or an OP196
as the output amplifier.
5V
EXT
REF
GND
VOUT
R2
20k
Ω
R1
10k
Ω
R4
20k
Ω
R3
10k
Ω
±5V
+5V
–5V
*ONLY ONE CHANNEL OF VREF AND VOUT SHOWN
0.1
µF
0.1
µF
10
µF
AD820/AD8519/
OP196
VIN
GND
AD5346/AD5347/
AD5348
VOUT*
VDD
VREF*
Figure 43. Bipolar Operation with the AD5346/ AD5347/AD5348
The output voltage for any input code can be calculated as
follows:
VOUT
= [(1 + R4/R3) × (R2/(R1 + R2) × (2 × VREF × D/2N)] –
R4
× VREF/R3
where:
D
is the decimal equivalent of the code loaded to the DAC.
N
is the DAC resolution.
VREF
is the reference voltage input.
with:
VREF
= 5 V
R1
= R3 = 10 kΩ
R2
= R4 = 20 kΩ
VDD
= 5 V
GAIN = 2
VOUT
= (10 × D/2N) – 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com