Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5522IPAP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5522IPAP
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5522IPAP Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5522IPAP Datasheet HTML 13Page - Texas Instruments ADS5522IPAP Datasheet HTML 14Page - Texas Instruments ADS5522IPAP Datasheet HTML 15Page - Texas Instruments ADS5522IPAP Datasheet HTML 16Page - Texas Instruments ADS5522IPAP Datasheet HTML 17Page - Texas Instruments ADS5522IPAP Datasheet HTML 18Page - Texas Instruments ADS5522IPAP Datasheet HTML 19Page - Texas Instruments ADS5522IPAP Datasheet HTML 20Page - Texas Instruments ADS5522IPAP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
www.ti.com
Input Amplitude − dBFS
70
50
30
10
−10
−30
−100
−90
−60
0
−40
90
−20
−80 −70
−50
−30
−10
SNR(dBFS)
SNR(dBc)
SFDR(dBc)
fIN =150.1MHz
Input Amplitude − dBFS
70
50
30
10
−10
−30
−100
−90
−60
0
−40
90
−20
−80 −70
−50
−30
−10
SNR(dBFS)
SFDR(dBc)
SNR(dBc)
fIN =220.1MHz
Code
60
50
40
30
20
10
0
2052
2053
2054
2055
70
80
2056
2057
2058
2059
DifferentialClock Amplitude − V
85
80
75
70
65
60
0
0.5
1
3
1.5
90
SFDR
SNR
2
2.5
fIN =70.1MHz
f − Frequency − MHz
−40
−60
−80
−100
−120
−140
0
5
10
40
15
0
20
30
−20
25
fS =76.8MSPS
fIN =170MHz
35
ClockDutyCycle − %
85
80
75
70
65
60
30
40
50
60
90
SFDR
SNR
70
fIN =20.1MHz
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25  C, AVDD = DRVDD = 3.3 V, sampling rate = 80 MSPS, 50% clock duty cycle, 3-Vpp
differential clock, and –1 dBFS differential input, unless otherwise noted
AC PERFORMANCE
AC PERFORMANCE
vs INPUT AMPLITUDE
vs INPUT AMPLITUDE
Figure 29.
Figure 30.
OUTPUT
AC PERFORMANCE
NOISE HISTOGRAM
vs CLOCK AMPLITUDE
Figure 31.
Figure 32.
WCDMA
AC PERFORMANCE
CARRIER
vs CLOCK DUTY CYCLE
Figure 33.
Figure 34.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com