Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5522IPAP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5522IPAP
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5522IPAP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5522IPAP Datasheet HTML 1Page - Texas Instruments ADS5522IPAP Datasheet HTML 2Page - Texas Instruments ADS5522IPAP Datasheet HTML 3Page - Texas Instruments ADS5522IPAP Datasheet HTML 4Page - Texas Instruments ADS5522IPAP Datasheet HTML 5Page - Texas Instruments ADS5522IPAP Datasheet HTML 6Page - Texas Instruments ADS5522IPAP Datasheet HTML 7Page - Texas Instruments ADS5522IPAP Datasheet HTML 8Page - Texas Instruments ADS5522IPAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
MIN
TYP
MAX
UNIT
Supplies
AVDD
Analog supply voltage
3
3.3
3.6
V
DRVDD
Output driver supply voltage
3
3.3
3.6
V
Analog input
Differential input range
2.3
VPP
VCM
Input common-mode voltage (1)
1.45
1.55
1.65
V
Digital Output
Maximum output load
10
pF
Clock Input
ADCLK input sample rate (sine wave) 1/tC
2
80
MSPS
Clock amplitude, sine wave, differential(2)
1
3
VPP
Clock duty cycle(3)
50%
Open free-air temperature range
–40
85
  C
(1)
Input common-mode should be connected to CM.
(2)
See Figure 47 for more information.
(3)
See Figure 46 for more information.
Typical values given at T
A = 25  C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 80 MSPS, 50% clock duty cycle, 3-VPP differential clock, and –1-dBFS differential input,
unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
Bits
Analog Inputs
Differential input range
2.3
VPP
Differential input impedance
See Figure 37
6.6
k
Ω
Differential input capacitance
See Figure 37
4
pF
Analog input common-mode current (per input)
200
µA
Analog input bandwidth
Source impedance = 50
Ω
750
MHz
Voltage overload recovery time
4
Clock cycles
Internal Reference Voltages
Reference bottom voltage, V(REFM)
1
V
Reference top voltage, V(REFP)
2.15
V
Reference error
–4%
  0.6%
4%
1.55
Common-mode voltage output, V(CM)
V
  0.05
Dynamic DC Characteristics and Accuracy
No missing codes
Tested
Differential nonlinearity error, DNL
fIN = 10 MHz
–0.5
  0.25
0.5
LSB
Integral nonlinearity error, INL
fIN = 10 MHz
–1.5
  0.55
1.5
LSB
Offset error
-11
±1.5
11
mV
Offset temperature coefficient
0.02
%/
  C
∆offset error/∆AV
DD from AVDD = 3 V
DC power-supply rejection ratio, DC PSRR
0.25
mV/V
to AVDD = 3.6 V
Gain error (1)
-2
±0.3
2
%FS
Gain temperature coefficient
–0.02
∆%/  C
(1)
Gain error is specified by design and characterization; it is not tested in production.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com