Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5522IPAP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5522IPAP
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5522IPAP Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5522IPAP Datasheet HTML 10Page - Texas Instruments ADS5522IPAP Datasheet HTML 11Page - Texas Instruments ADS5522IPAP Datasheet HTML 12Page - Texas Instruments ADS5522IPAP Datasheet HTML 13Page - Texas Instruments ADS5522IPAP Datasheet HTML 14Page - Texas Instruments ADS5522IPAP Datasheet HTML 15Page - Texas Instruments ADS5522IPAP Datasheet HTML 16Page - Texas Instruments ADS5522IPAP Datasheet HTML 17Page - Texas Instruments ADS5522IPAP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
www.ti.com
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
SFDR=81.7dBc
THD=79.9dBc
SNR=68.7dBFS
SINAD=68.4dBFS
5
25
15
35
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
SFDR=69.8dBc
THD=69.2dBc
SNR=67.0dBFS
SINAD=65.3dBFS
5
25
15
35
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
SFDR=69.0dBc
THD=68.7dBc
SNR=64.8dBFS
SINAD=58.0dBFS
5
25
15
35
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
f1=10MHz, −7dBFS
f1=15MHz, −7dBFS
2-ToneIMD= −88.0dBFS
5
25
15
35
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
f1=50MHz, −7dBFS
f1=55MHz, −7dBFS
2-ToneIMD= −84.8dBFS
5
25
15
35
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
20
40
f1=148MHz, −7dBFS
f1=153MHz, −7dBFS
2-ToneIMD= −92.8dBFS
5
25
15
35
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25  C, AVDD = DRVDD = 3.3 V, sampling rate = 80 MSPS, 50% clock duty cycle, 3-Vpp
differential clock, and –1 dBFS differential input, unless otherwise noted
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 150 MHz Input Signal)
(FFT for 220 MHz Input Signal)
Figure 11.
Figure 12.
SPECTRAL PERFORMANCE
TWO-TONE
(FFT for 300 MHz Input Signal)
INTERMODULATION
Figure 13.
Figure 14.
TWO-TONE
TWO-TONE
INTERMODULATION
INTERMODULATION
Figure 15.
Figure 16.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com