Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM611IM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM611IM/NOPB
Description  LM611 Operational Amplifier and Adjustable Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM611IM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM611IM/NOPB Datasheet HTML 1Page - Texas Instruments LM611IM/NOPB Datasheet HTML 2Page - Texas Instruments LM611IM/NOPB Datasheet HTML 3Page - Texas Instruments LM611IM/NOPB Datasheet HTML 4Page - Texas Instruments LM611IM/NOPB Datasheet HTML 5Page - Texas Instruments LM611IM/NOPB Datasheet HTML 6Page - Texas Instruments LM611IM/NOPB Datasheet HTML 7Page - Texas Instruments LM611IM/NOPB Datasheet HTML 8Page - Texas Instruments LM611IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM611
www.ti.com
SNOSC08C – MAY 1998 – REVISED MARCH 2013
Electrical Characteristics
(1)
These specifications apply for V
− = GND = 0V, V+ = 5V, V
CM = VOUT = 2.5V, IR = 100 μA, FEEDBACK pin shorted to GND,
unless otherwise specified. Limits in standard typeface are for TJ = 25°C; limits in boldface type apply over the Operating
Temperature Range.
Symbol
Parameter
Conditions
Typical(2)
LM611AM
LM611M
Units
LM611AI
LM611BI
Limits(3)
LM611I
LM611C
Limits(3)
IS
Total Supply Current
RLOAD = ∞,
210
300
350
μA max
4V
≤ V+ ≤ 36V (32V for LM611C)
221
320
370
μA max
VS
Supply Voltage Range
2.2
2.8
2.8
V min
2.9
3
3
V min
46
36
32
V max
43
36
32
V max
OPERATIONAL AMPLIFIER
VOS1
VOS Over Supply
4V
≤ V+ ≤ 36V
1.5
3.5
5.0
mV max
(4V
≤ V+ ≤ 32V for LM611C)
2.0
6.0
7.0
mV max
VOS2
VOS Over VCM
VCM = 0V through VCM =
1.0
3.5
5.0
mV max
(V+
− 1.8V), V+ = 30V, V− = 0V
1.5
6.0
7.0
mV max
VOS3
Average VOS Drift
See(3)
μV/°C
15
ΔT
max
IB
Input Bias Current
10
25
35
nA max
11
30
40
nA max
IOS
Input Offset Current
0.2
4
4
nA max
0.3
5
5
nA max
IOS1
Average Offset Drift
4
pA/°C
ΔT
Current
RIN
Input Resistance
Differential
1800
M
Ω
Common-Mode
3800
M
Ω
CIN
Input Capacitance
Common-Mode
5.7
pF
en
Voltage Noise
f = 100 Hz,
74
nV/
√Hz
Input Referred
In
Current Noise
f = 100 Hz,
58
fA/
√Hz
Input Referred
CMRR
Common-Mode
V+ = 30V, 0V
≤ VCM ≤ (V
+ − 1.8V)
95
80
75
dB min
Rejection-Ratio
CMRR = 20 log (
ΔVCM/ΔVOS)
90
75
70
dB min
PSRR
Power Supply
4V
≤ V+ ≤ 30V, VCM = V
+/2,
110
80
75
dB min
Rejection-Ratio
PSRR = 20 log (
ΔV+/ΔVOS)
100
75
70
dB min
AV
Open Loop
RL = 10 kΩ to GND, V
+ = 30V,
500
100
94
V/mV
Voltage Gain
5V
≤ VOUT ≤ 25V
50
40
40
min
SR
Slew Rate
V+ = 30V(4)
0.70
0.55
0.50
V/
μs
0.65
0.45
0.45
GBW
Gain Bandwidth
CL = 50 pF
0.80
MHz
0.50
VO1
Output Voltage
RL = 10 kΩ to GND
V+
− 1.4
V+
− 1.7
V+
− 1.8
V min
Swing High
V+ = 36V (32V for LM611C)
V+
− 1.6
V+
− 1.9
V+
− 1.9
V min
VO2
Output Voltage
RL = 10 kΩ to V
+
V− + 0.8
V− + 0.9
V− + 0.95
V max
Swing Low
V+ = 36V (32V for LM611C)
V− + 0.9
V− + 1.0
V− + 1.0
V max
IOUT
Output Source
VOUT = 2.5V, V+IN = 0V,
25
20
16
mA min
Current
V−IN = −0.3V
15
13
13
mA min
(1)
Military RETS 611AMX electrical test specification is available on request. The LM611AMJ/883 can also be procured as a Standard
Military Drawing.
(2)
Typical values in standard typeface are for TJ = 25°C; values in boldface type apply for the full operating temperature range. These
values represent the most likely parametric norm.
(3)
All limits are specified at room temperature (standard type face) or at operating temperature extremes (bold face type).
(4)
Slew rate is measured with op amp in a voltage follower configuration. For rising slew rate, the input voltage is driven from 5V to 25V,
and the output voltage transition is sampled at 10V and 20V. For falling slew rate, the input voltage is driven from 25V to 5V, and output
voltage transition is sampled at 20V and 10V.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com