Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM611IM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM611IM/NOPB
Description  LM611 Operational Amplifier and Adjustable Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM611IM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM611IM/NOPB Datasheet HTML 3Page - Texas Instruments LM611IM/NOPB Datasheet HTML 4Page - Texas Instruments LM611IM/NOPB Datasheet HTML 5Page - Texas Instruments LM611IM/NOPB Datasheet HTML 6Page - Texas Instruments LM611IM/NOPB Datasheet HTML 7Page - Texas Instruments LM611IM/NOPB Datasheet HTML 8Page - Texas Instruments LM611IM/NOPB Datasheet HTML 9Page - Texas Instruments LM611IM/NOPB Datasheet HTML 10Page - Texas Instruments LM611IM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM611
www.ti.com
SNOSC08C – MAY 1998 – REVISED MARCH 2013
Typical Performance Characteristics (Reference) (continued)
TJ = 25°C, FEEDBACK pin shorted to V
− = 0V, unless otherwise noted
Reference Voltage with
Reference Power-Up Time
Feedback Voltage Step
Figure 15.
Figure 16.
Reference Voltage with
Reference Step Response
100
∼
∼12 μA Current Step
for 100
μA ∼
∼ 10 mA Current Step
Figure 17.
Figure 18.
Reference Voltage Change
with Supply Voltage Step
Figure 19.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com