Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM611IM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM611IM/NOPB
Description  LM611 Operational Amplifier and Adjustable Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM611IM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM611IM/NOPB Datasheet HTML 1Page - Texas Instruments LM611IM/NOPB Datasheet HTML 2Page - Texas Instruments LM611IM/NOPB Datasheet HTML 3Page - Texas Instruments LM611IM/NOPB Datasheet HTML 4Page - Texas Instruments LM611IM/NOPB Datasheet HTML 5Page - Texas Instruments LM611IM/NOPB Datasheet HTML 6Page - Texas Instruments LM611IM/NOPB Datasheet HTML 7Page - Texas Instruments LM611IM/NOPB Datasheet HTML 8Page - Texas Instruments LM611IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM611
SNOSC08C – MAY 1998 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
These specifications apply for V
− = GND = 0V, V+ = 5V, V
CM = VOUT = 2.5V, IR = 100 μA, FEEDBACK pin shorted to GND,
unless otherwise specified. Limits in standard typeface are for TJ = 25°C; limits in boldface type apply over the Operating
Temperature Range.
Symbol
Parameter
Conditions
Typical(2)
LM611AM
LM611M
Units
LM611AI
LM611BI
Limits(3)
LM611I
LM611C
Limits(3)
ISINK
Output Sink
VOUT = 1.6V, V+IN = 0V,
17
14
13
mA min
Current
V−IN = 0.3V
9
8
8
mA min
ISHORT
Short Circuit Current
VOUT = 0V, V+IN = 3V,
30
50
50
mA max
V−IN = 2V, Source
40
60
60
mA max
VOUT = 5V, V+IN = 2V,
30
60
70
mA max
V−IN = 3V, Sink
32
80
90
mA max
VOLTAGE REFERENCE
VR
Reference Voltage
See(5)
1.244
1.2365
1.2191
V min
1.2515
1.2689
V max
(±0.6%)
(±2.0%)
ΔVR
Average Temperature
See(6)
PPM/°C
10
80
150
ΔTJ
Drift
max
ΔVR
Hysteresis
Hyst = (Vro
′ − Vro)/ΔTJ
(7)
3.2
μV/°C
ΔTJ
ΔVR
VR Change
VR(100 μA) − VR(17 μA)
0.05
1
1
mV max
ΔIR
with Current
0.1
1.1
1.1
mV max
VR(10 mA) − VR(100 μA)
(8)
1.5
5
5
mV max
2.0
5.5
5.5
mV max
R
Resistance
ΔVR(10→0.1 mA)/9.9 mA
0.2
0.56
0.56
Ω max
ΔVR(100→17 μA)/83 μA
0.6
13
13
Ω max
ΔVR
VR Change with
VR(Vro = Vr) − VR(Vro = 6.3V)
2.5
7
7
mV max
VRO
High VRO
(5.06V between Anode and
2.8
10
10
mV max
FEEDBACK)
ΔVR
VR Change with
VR(V+ = 5V) − VR(V+ = 36V)
0.1
1.2
1.2
mV max
ΔV+
V+ Change
(V+ = 32V for LM611C)
0.1
1.3
1.3
mV max
VR(V+ = 5V) − VR(V+ = 3V)
0.01
1
1
mV max
0.01
1.5
1.5
mV max
ΔVR
VR Change with
V+ = V+ max,
ΔVR = VR
0.7
1.5
1.6
mV max
ΔVANODE
VANODE Change
(@ VANODE = V
− = GND) − V
R
3.3
3.0
3.0
mV max
(@ VANODE = V
+ − 1.0V)
IFB
FEEDBACK Bias
IFB; VANODE ≤ VFB ≤ 5.06V
22
35
50
nA max
Current
29
40
55
nA max
en
VR Noise
10 Hz to 10,000 Hz, VRO = VR
30
μVRMS
(5)
VR is the cathode-feedback voltage, nominally 1.244V.
(6)
Average reference drift is calculated from the measurement of the reference voltage at 25°C and at the temperature extremes. The drift,
in ppm/°C, is 106•
ΔVR/(VR[25°C]•ΔTJ), where ΔVR is the lowest value subtracted from the highest, VR[25°C] is the value at 25°C, and ΔTJ is
the temperature range. This parameter is ensured by design and sample testing.
(7)
Hysteresis is the change in VR caused by a change in TJ, after the reference has been “dehysterized”. To dehysterize the reference; that
is minimize the hysteresis to the typical value, its junction temperature should be cycled in the following pattern, spiraling in toward
25°C: 25°C, 85°C,
−40°C, 70°C, 0°C, 25°C.
(8)
Low contact resistance is required for accurate measurement.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com