Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDDIPPD Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # HDDIPPD
Description  HD DIP Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

HDDIPPD Datasheet(HTML) 1 Page - Central Semiconductor Corp

  HDDIPPD Datasheet HTML 1Page - Central Semiconductor Corp HDDIPPD Datasheet HTML 2Page - Central Semiconductor Corp HDDIPPD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.centr a lsemi.com
R3 (4-March 2010)
Package Details
HD DIP Case
Mechanical Drawing
Mounting Pad Geometry (Dimensions in mm)
Part Marking: 4-5 Character Alpha/Numeric Code


Similar Part No. - HDDIPPD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HDD-0810 AD-HDD-0810_15 Datasheet
2Mb / 6P
HYBRID VIDEO LOW GLITCH D/A CONVERTER
HDD-1206 AD-HDD-1206 Datasheet
1Mb / 4P
12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JW AD-HDD-1206JW Datasheet
1Mb / 4P
12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JWA AD-HDD-1206JWA Datasheet
1Mb / 4P
12-Bit Deglitched Voltage Out D/A Converter
HDD-1206JWD AD-HDD-1206JWD Datasheet
1Mb / 4P
12-Bit Deglitched Voltage Out D/A Converter
More results

Similar Description - HDDIPPD

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-HDF-26-AA-WP ASSMANN-A-HDF-26-AA-WP Datasheet
118Kb / 1P
D-SUB,HD,HD-26PFFP
A-HDF-26-LL-WP ASSMANN-A-HDF-26-LL-WP Datasheet
113Kb / 1P
D-SUB,HD,HD-26PFFS
A-HDS-26-LL-WP ASSMANN-A-HDS-26-LL-WP Datasheet
114Kb / 1P
D-SUB, HD, HD-26PMMS
A-HDS-44-AA-WP ASSMANN-A-HDS-44-AA-WP Datasheet
121Kb / 1P
D-SUB, HD, HD-44PMMP
A-HDS-44-LL-WP ASSMANN-A-HDS-44-LL-WP Datasheet
116Kb / 1P
D-SUB, HD, HD-44PMMS
logo
Central Semiconductor C...
CBRHDSH1-200 CENTRAL-CBRHDSH1-200 Datasheet
1Mb / 2P
1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package
logo
XP Power Limited
JTE XPPOWER-JTE Datasheet
246Kb / 2P
DIP-24 Plastic Case
JCE XPPOWER-JCE Datasheet
139Kb / 2P
DIP24 Plastic Case
logo
Central Semiconductor C...
CBR1F-D010-D100 CENTRAL-CBR1F-D010-D100 Datasheet
206Kb / 5P
1 AMP DUAL IN lINE FAST RECOVERY SILICON BRICGE RECTIFIER DIP CASE
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com