Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDDIPPD Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # HDDIPPD
Description  HD DIP Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

HDDIPPD Datasheet(HTML) 2 Page - Central Semiconductor Corp

  HDDIPPD Datasheet HTML 1Page - Central Semiconductor Corp HDDIPPD Datasheet HTML 2Page - Central Semiconductor Corp HDDIPPD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.centr a lsemi.com
R3 (4-March 2010)
Package Details
HD DIP Case
Tape Dimensions and Orientation (Dimensions in mm)
Tape Width: 12mm
Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-1-A
Direction of Unreeling
Reel Labeling Information
Each reel is labeled with the following information:
Central Part Number, Customer Part Number, Purchase Order Number,
Quantity, Lot Number, Date Code, Ship Date and Marking Code.
Reel Packing Information
Ordering Information
• For devices taped and reeled on 13” reels, add TR13 suffix to part number.
• All SMDs are available in small quantities for prototype and manual placement applications.
Reel
Size
Reels per
Box
(Maximum)
Parts per
Box
(Maximum)
Box Dimensions
Shipping Weight (Max.)
INCH
CM
LB
KG
13”
5
14
26
15,000
42,000
78,000
15x4x15
15x15x9
15x15x18
38x10x38
38x38x23
38x38x46
9
25
46
4
12
21
Packaging Base
13” Reel
=
3,000 pcs.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com