Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDDIPPD Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # HDDIPPD
Description  HD DIP Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

HDDIPPD Datasheet(HTML) 3 Page - Central Semiconductor Corp

  HDDIPPD Datasheet HTML 1Page - Central Semiconductor Corp HDDIPPD Datasheet HTML 2Page - Central Semiconductor Corp HDDIPPD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Composition Specification
HD DIP Case
Device average mass. . . . . . . . . . . . . . . . . . . . . . . . . . . . 126.8 mg
Fluctuation margin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +/-10%
www.centra lsemi.com
R3 (3-June 2011)
Component
Material
Material
Substance CAS No.
Substance
(%wt)
(mg)
(%wt)
(mg)
(ppm)
active device
doped Si
3.38%
4.28
Si
7440-21-3
3.38%
4.28
33,754
leadframe
Cu alloy
33.5%
42.49
Cu
7440-50-8
33.44%
42.405
334,424
Fe
7439-89-6
0.05%
0.064
505
P
7723-14-0
0.01%
0.018
142
die attach
high temperature
solder paste
7.16%
9.08
Pb
7439-92-1
6.624%
8.399
66,238
Sn
7440-31-5
0.358%
0.454
3,580
Ag
7440-22-4
0.179%
0.227
1,790
encapsulation*
EMC
55.48%
70.34
SiO2
14808-60-7
37.72%
47.834
377,240
epoxy resin
29690-82-2
10.54%
13.365
105,402
phenol resin
9003-35-4
5.55%
7.034
55,473
Sb2O3
1309-64-4
0.55%
0.703
5,544
Br
7726-95-6
1.11%
1.407
11,096
EMC GREEN
55.48%
70.34
silica (fused) 60676-86-0
42.72%
54.165
427,169
epoxy resin
29690-82-2
5.55%
7.034
55,473
phenol resin
9003-35-4
5.38%
6.823
53,809
carbon black
1333-86-4
0.17%
0.211
1,664
metal
hydroxide
1309-42-8
1.66%
2.11
16,640
plating**
tin/lead process
0.48%
0.61
Sn
7440-31-5
0.38%
0.488
3,849
Pb
7439-92-1
0.10%
0.122
962
matte tin
0.48%
0.61
Sn
7440-31-5
0.48%
0.61
4,811
*EMC GREEN molding compound is Halogen-Free.
**For Lead Free plating, add suffix “LEAD FREE” to part number.
For Tin/Lead plating, add suffix “TIN/LEAD” to part number.
No suffix designation allows for the supply of either lead-free or tin/lead plated product depending on availability.
Disclaimer
The information provided in this Material Composition data sheet is, to the best of our knowledge, correct. However, there is no
guarantee to completeness or accuracy, as some information is derived from data sources outside the company.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com