Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB3 Datasheet(PDF) 2 Page - CTS Corporation

Part # CB3
Description  Standard 7.0x5.0mm Surface Mount Footprint
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CB3 Datasheet(HTML) 2 Page - CTS Corporation

  CB3 Datasheet HTML 1Page - CTS Corporation CB3 Datasheet HTML 2Page - CTS Corporation CB3 Datasheet HTML 3Page - CTS Corporation CB3 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0256-0
Page 2 - 4
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model CB3 & CB3LV
7.0x5.0mm Low Cost
HCMOS/TTL Clock Oscillator
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
7.0
V
Storage Temperature
TSTG
-
-55
-
125
°C
Frequency Range
CB3
-
1.5
-
107
CB3LV
-
1.5
-
160
Frequency Stability
∆f/fO
See Note 1 and Ordering Information
-
-
20, 25 or
50
± ppm
Aging
∆fFirst year
-
3
5
± ppm
Operating Temperature
Commercial
-20
70
Industrial
-40
85
Supply Voltage
CB3
4.5
5.0
5.5
CB3LV
3.0
3.3
3.6
Supply Current
Frequency Range, Tested load condition noted
for typical values.
CB3
1.5 MHz to 20 MHz
CL=50pF
20.1 MHz to 80 MHz
CL=50pF
80.1 MHz to 107 MHz
CL=15pF
-
-
-
10
30
40
25
50
80
CB3LV
1.5 MHz to 20 MHz
CL=15pF
20.1 MHz to 80 MHz
CL=15pF
80.1 MHz to 160 MHz
CL=15pF
-
-
-
7
20
30
12
40
60
Output Load
CL
1.5 MHz to 50 MHz
50.1 MHz to 80 MHz
80.1 MHz to 160 MHz
-
-
-
-
-
-
50
30
15
pF
Output Voltage Levels
Logic '1' Level
VOH
CMOS Load
10
TTL LOAD
0.9*VCC
VCC-0.6V
--
Logic '0' Level
VOL
CMOS
TTL
Load
--
0.1*VCC
0.4
Output Current
Logic '1' Level
IOH
VOH = 3.9V/2.2V
VCC = 4.5V/3.0V
-
-
-16/-8
Logic '0' Level
IOL
VOL = 0.4V
VCC = 4.5V/3.0V
-
-
+16/+8
Output Duty Cycle
SYM
@ 50% Level
45
-
55
%
Rise and Fall Time
@ 10% - 90% Levels, Tested load condition
noted for typical values.
CB3
1.5 MHz to 20 MHz
CL=50pF
20.1 MHz to 80 MHz
CL=50pF
80.1 MHz to 160 MHz
CL=15pF
-
-
-
8
5
2.5
10
8
5
CB3LV
1.5 MHz to 20 MHz
CL=15pF
20.1 MHz to 80 MHz
CL=15pF
80.1 MHz to 160 MHz
CL=15pF
-
-
-
6
3
1.5
8
5
3
Start Up Time
TS
Application of VCC
--
10
ms
Enable Function
Enable Input Voltage
VIH
Pin 1 Logic '1', Output Enabled
2.0
-
-
Disable Input Voltage
VIL
Pin 1 Logic '0', Output Disabled
-
-
0.8
Enable Time
TPLZ
Pin 1 Logic '1'
--
10
ms
Standby Current
IST
Pin 1 Logic '0', Output Disabled
--
10
µA
Period Jitter, Pk-Pk
-
-
--
50
Period Jitter, RMS
-
-
--
5
Phase Jitter, RMS
-
Bandwidth 12 kHz - 20 MHz
-
-
1
Notes:
1.
V
ps
Inclusive of calibration @ 25°C, operating temperature range, supply voltage variation, load variation, and first year aging.
VCC
± 10 %
V
ICC
mA
V
mA
TR, TF
ns
fO
MHz
TA
-°C
25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com