Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB3 Datasheet(PDF) 1 Page - CTS Corporation

Part # CB3
Description  Standard 7.0x5.0mm Surface Mount Footprint
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CB3 Datasheet(HTML) 1 Page - CTS Corporation

  CB3 Datasheet HTML 1Page - CTS Corporation CB3 Datasheet HTML 2Page - CTS Corporation CB3 Datasheet HTML 3Page - CTS Corporation CB3 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0256-0
Page 1 - 4
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model CB3 & CB3LV
HCMOS/TTL CLOCK OSCILLATOR
FEATURES
• Standard 7.0x5.0mm Surface Mount Footprint
• HCMOS/TTL Compatible
• Fundamental and 3RD Overtone Crystals
• Frequency Range 1.5 – 160 MHz
• Frequency Stability, ±50 ppm Standard
(±25 ppm and ±20 ppm available)
• +3.3Vdc or +5.0Vdc Operation
• Operating Temperature to –40°C to +85°C
• Output Enable Standard
• Tape & Reel Packaging
• RoHS/Green Compliant (6/6)
ORDERING INFORMATION
CB3
SUPPLY VOLTAGE
--
OPERATING TEMPERATURE RANGE
FREQUENCY IN MHz
M
Not all performance combinations and frequencies may be available.
Contact your local CTS Representative or CTS Customer Service for availability.
M - indicates MHz and decimal point.
3
C = -20°C to +70°C (standard)
I = -40°C to +85°C
FREQUENCY STABILITY
6 = ± 20 ppm
1
5 = ± 25 ppm
7 = ± 32 ppm
2
3 = ± 50 ppm (standard)
2 = ± 100 ppm
2
3] Frequency is recorded with only leading significant digits before the ‘M’ and 4 - 6 significant digits after the ‘M’ (including zeros).
LV = +3.3Vdc
Blank = +5.0Vdc
[Ex. XMXXXXXX (3M579545), XXMXXXXX (14M31818), XXXMXXXX (125M0000)]
1] 6I Stability/Temperature combination is not available.
2] These stabilities are not recommended for new designs.
4] CTS Distributors may add a -T or -1 at the end of the part number to indicate Tape and Reel packaging.
Example Part Number: CB3LV-3C-32M7680 or CB3-3I-32M7680
DESCRIPTION
The CB3/CB3LV is a ceramic packaged Clock
oscillator offering reduced size and enhanced
stability. The small size means it is perfect for
any application. The enhanced stability means it
is the perfect choice for today’s communications
applications that require tight frequency control.


Similar Part No. - CB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
CMOS/TTL CLOCK OSCILLATOR
logo
CTS Corporation
CB3 CTS-CB3 Datasheet
216Kb / 3P
Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
logo
Eaton All Rights Reserv...
CB3 EATON-CB3 Datasheet
3Mb / 27P
Single Row Terminal Blocks
logo
Stackpole Electronics, ...
CB3 SEI-CB3 Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Multicomp Pro
CB3 MULTICOMP-CB3 Datasheet
110Kb / 1P
Ceramic Bead Spacers
09/09/19 V1.0
More results

Similar Description - CB3

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
632L3I040M00000 CTS-632L3I040M00000 Datasheet
153Kb / 4P
Standard 3.2x2.5mm Surface Mount Footprint
logo
KODENSHI_AUK CORP.
KP1504WW0 KODENSHI-KP1504WW0 Datasheet
357Kb / 4P
Small Footprint Surface Mount Package
KP3528W00A2I KODENSHI-KP3528W00A2I Datasheet
327Kb / 6P
Small Footprint Surface Mount Package
KP3528BSKA2I-JX KODENSHI-KP3528BSKA2I-JX Datasheet
297Kb / 6P
Small Footprint Surface Mount Package
KP3020W KODENSHI-KP3020W Datasheet
483Kb / 4P
Small Footprint Surface Mount Package
KOI-6102BS KODENSHI-KOI-6102BS Datasheet
109Kb / 2P
Small footprint surface mount package
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
Standard footprint
Q48SQ DELTA-Q48SQ Datasheet
729Kb / 13P
Standard footprint
E48SC12008 DELTA-E48SC12008 Datasheet
930Kb / 17P
Standard footprint
E48SC3R315 DELTA-E48SC3R315 Datasheet
538Kb / 15P
Standard footprint
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com