Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB3 Datasheet(PDF) 3 Page - CTS Corporation

Part # CB3
Description  Standard 7.0x5.0mm Surface Mount Footprint
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CB3 Datasheet(HTML) 3 Page - CTS Corporation

  CB3 Datasheet HTML 1Page - CTS Corporation CB3 Datasheet HTML 2Page - CTS Corporation CB3 Datasheet HTML 3Page - CTS Corporation CB3 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document No. 008-0256-0
Page 3 - 4
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model CB3 & CB3LV
7.0x5.0mm Low Cost
HCMOS/TTL Clock Oscillator
MECHANICAL SPECIFICATIONS
CMOS/TTL OUTPUT WAVEFORM
TEST CIRCUIT, CMOS LOAD
ENABLE TRUTH TABLE
PIN 1
PIN 3
Logic ‘1’
Output
Open
Output
Logic ‘0’
High Imp.
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
EOH
Enable Input
2
GND
Circuit & Package Ground
3
Output
RF Output
4
VCC
Supply Voltage
MARKING INFORMATION
1. ** – Manufacturing Site Code.
[Note a dash may follow the site code and is acceptable.]
2. XXXMXXXXXX – Frequency is marked with
only leading significant digits before the ‘M’
and 4 - 6 digits after the ‘M’ (including zeros).
Ex. XMXXXXXX (3M579545)
XXMXXXXX (14M31818)
XXXMXXXX (125M0000)
3. YYWW – Date code, YY – year, WW – week.
4. ST – Frequency stability/temperature code.
(Refer to Ordering Information.)
5. V – Voltage code. 3 = 3.3V, 5 = 5.0V.
NOTES
1. Termination pads (e4). Barrier-plating is
nickel (Ni) with gold (Au) flash plate.
2. Reflow conditions per JEDEC J-STD-020.
PERIOD (T)
90%, 80%, 2.4V
50%, 1.5V
10%, 20%, 0.5V
DUTY CYCLE = t/T x 100 (%)
V
V
OH
OL
Tr
Tf
UPTIME (t)
POWER
SUPPLY
+
-
+-
-
+
VM
mA
.01uF
D.U.T.
43
12
C L
Including probe
capacitance.
Enable Input
SUGGESTED SOLDER PAD GEOMETRY
.200 [5.08]
.165 [4.20]
.071 [1.80]
Key:
[mm]
Inch
.079 [2.00]
12
3
4
C BYPASS
CBYPASS should be ≥ 0.01 uF.
PACKAGE DRAWING
(1.7)
MAX
(7.0 ±0.2)
(5.08)
0.200
0.055
0.276 ±0.008
0.067
(5.0 ±0.2)
0.197 ±0.008
(1.4)
0.146
(3.7)
Key: (mm)
Inch
2
34
PIN 1 IDENTIFIER
0.047
(1.2)
1
CTS ** CB3
XXXMXXXXXX
● YYWW STV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com