Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV1832D Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # AV1832D
Description  single-chip voice synthesizing CMOS IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV1832D Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  AV1832D Datasheet HTML 1Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 2Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 3Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 4Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 5Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 6Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 7Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 8Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AVxx32A Series
Rev 1.0
2003/02/12
2
Edege/Level; Hold/UnHold; Retrigger/Irretrigger.
□
CPU_INTERFACE mode: Addressing access mode by input pulse count. In this mode, A1~A7
(ROW1~4, COL1~3) are disable, A8 (COL4) can be access up to 32 subtables.
(6). The A8 or M16 can be selected as NORMAL, SEQUENTIAL or CPU_INTERFACE. ( Mask option )
□
NORMAL: normal mode as in item (5).
□
SEQUENTIAL: can be selected to combine with MODE input or not. ( Mask option )
(A). If A8 or M16 is in SEQUENTIAL and is combined with MODE input:
MODE=0 : the device will response by one subtable sequentially and cyclically, from subtable1 to
user defined end subtable (subtable n, n=1~16).
MODE=1 : the device will response by one subtable sequentially and cyclically, from subtable 17
to user defined end subtable (subtable n, n=17~32).
The number of subtables (used in sequence) in MODE=1 and MODE=0 must be equal; this
number must be less than 16.
(B). If A8 or M16 is in SEQUENTIAL and is not combined with MODE input:
The device will response by one subtable sequentially and cyclically, from subtable1 to user
defined end subtable (subtable n, n=1~32).
The relationship between SEQUENTIAL ( A8/M16 ) and other inputs ( A1~A7 / M1~M15 ) can be
selected as RESET or UNRESET. ( Mask option )
◎
RESET: once the other inputs are triggered, the SEQUENTIAL sequence will reset to subtable 1.
◎
UNRESET: SEQUENTIAL sequence and other inputs are independent.
(7). Four STS pins have the following options: ( Mask option )
□
OUT1: Cout (Current output) or STS1 output
□
OUT2: PWM1 or STS2 output
□
OUT3: PWM2 or STS3 output
□
MODE/STS4: MODE selection or STS4 output
Cout has 3 current output levels: 1>1.5mA ; 2>3mA ; 3>4.5mA. ( full scale ; Vdd=3V )
PWM1 and PWM2 must be selected on the same time, they can directly drive buzzer or 8, 16, 32 or 64
ohms speaker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com