Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV1832D Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # AV1832D
Description  single-chip voice synthesizing CMOS IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV1832D Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  AV1832D Datasheet HTML 1Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 2Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 3Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 4Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 5Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 6Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 7Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 8Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AVxx32A Series
Rev 1.0
2003/02/12
3
(8). Four status outputs ( STS1, STS2, STS3, STS4 ):
□
STS1
□
STS2
a). Cout
b). stop high_pulse
c). stop low_pulse
d). busy high_active
e). busy low_active
f). LED 6Hz (flash at mute)
g). LED 3Hz (flash at mute)
h). LED 1.5Hz (flash at mute)
i). LED 0.75Hz (flash at mute)
j). LED 6Hz (off at mute )
k). LED 3Hz (off at mute)
l). LED 1.5Hz (off at mute )
m).LED 0.75Hz (off at mute)
n). LED dybzl 0.34sec.
o). LED dybzl 0.68sec.
p). LED dybzl 1.02sec.
q). busy high, except mute
r). busy low, except mute
a). PWM1
b). stop high_pulse
c). stop low_pulse
d). busy high_active
e). busy low_active
f). LED 6Hz (flash at mute)
g). LED 3Hz (flash at mute)
h). LED 1.5Hz (flash at mute)
i). LED 0.75Hz (flash at mute)
j). LED 6Hz (on at mute)
k). LED 3Hz (on at mute)
l). LED 1.5Hz (on at mute)
m).LED 0.75Hz (on at mute)
n). LED 6Hz (off at mute)
o). LED 3Hz (off at mute)
p). LED 1.5Hz (off at mute)
q). LED 0.75Hz (off at mute)
r). LED dynamic 1/4
s). LED dynamic 2/4
t). LED dynamic 3/4
□
STS3
□
STS4
a> PWM2
b> stop high_pulse
c> stop low_pulse
d> busy high_active
e> busy low_active
f> LED 6Hz (flash at mute)
g> LED 3Hz (flash at mute)
h> LED 1.5Hz (flash at mute)
i> LED 0.75Hz (flash at mute)
j> LED 6Hz (off at mute )
k> LED 3Hz (off at mute)
l> LED 1.5Hz (off at mute )
m>LED 0.75Hz (off at mute)
n> LED dybzl 0.34sec.
o> LED dybzl 0.68sec.
p> LED dybzl 1.02sec.
q> busy high, except mute
r> busy low, except mute
a). mode
b). stop high_pulse
c). stop low_pulse
d). busy high_active
e). busy low_active
f). LED 6Hz (flash at mute)
g). LED 3Hz (flash at mute)
h). LED 1.5Hz (flash at mute)
i). LED 0.75Hz (flash at mute)
j). LED 6Hz (on at mute)
k). LED 3Hz (on at mute)
l). LED 1.5Hz (on at mute)
m).LED 0.75Hz (on at mute)
n). LED 6Hz (off at mute)
o). LED 3Hz (off at mute)
p). LED 1.5Hz (off at mute)
q). LED 0.75Hz (off at mute)
r). LED dynamic 1/4
s). LED dynamic 2/4
t). LED dynamic 3/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com