Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR74-820-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DR74-820-R
Description  High Power Density, High Efficiency, Shielded Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DR74-820-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DR74-820-R Datasheet HTML 1Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 2Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 3Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 4Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 5Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1207
BU-SB07327
Page 2 of 6
Data Sheet 4315
Part Number
Rated
OCL(1)
Irms(2)
Isat(3)
DCR(4)
Volt-µSec(5)
Inductance
+/-20%
Amps
Amps
(Ω
Ω
)
Typ.
(µH)
(µH)
Peak
Typ.
DR74-R33-R
0.33
0.294
6.26
18.4
0.0074
1.71
DR74-1R0-R
1.00
0.952
5.39
10.2
0.0099
3.08
DR74-1R5-R
1.50
1.422
4.94
8.35
0.0118
3.76
DR74-2R2-R
2.20
1.986
4.76
7.06
0.0126
4.45
DR74-3R3-R
3.30
3.396
3.94
5.40
0.0183
5.81
DR74-4R7-R
4.70
5.182
3.34
4.37
0.0254
7.18
DR74-6R8-R
6.80
7.344
2.60
3.67
0.0418
8.55
DR74-8R2-R
8.20
8.566
2.53
3.40
0.0441
9.23
DR74-100-R
10.0
9.882
2.41
3.17
0.0489
9.92
DR74-150-R
15.0
16.09
2.11
2.48
0.0637
12.7
DR74-220-R
22.0
21.73
1.75
2.13
0.0925
14.7
DR74-330-R
33.0
33.01
1.41
1.73
0.143
18.1
DR74-470-R
47.0
49.64
1.15
1.41
0.216
22.2
DR74-680-R
68.0
69.67
1.03
1.19
0.265
26.3
DR74-820-R
82.0
80.95
0.91
1.11
0.345
28.4
DR74-101-R
100
101.6
0.86
0.99
0.383
31.8
DR74-151-R
150
150.0
0.69
0.81
0.591
38.6
DR74-221-R
220
227.0
0.56
0.66
0.907
47.5
DR74-331-R
330
335.6
0.45
0.54
1.41
57.8
DR74-471-R
470
465.3
0.40
0.46
1.74
68.1
DR74-681-R
680
671.2
0.33
0.38
2.58
81.7
DR74-821-R
820
812.7
0.31
0.35
2.93
89.9
DR74-102-R
1000
1009
0.27
0.31
3.89
100
DR125-R47-R
0.47
0.456
17.6
33.0
0.0018
3.17
DR125-1R0-R
1.00
0.894
15.0
23.6
0.0024
4.43
DR125-1R5-R
1.50
1.478
13.8
18.3
0.0029
5.70
DR125-2R2-R
2.20
2.208
10.9
15.0
0.0045
6.97
DR125-3R3-R
3.30
3.084
9.26
12.7
0.0063
8.23
DR125-4R7-R
4.70
5.274
7.18
9.71
0.0105
10.8
DR125-6R8-R
6.80
6.588
6.64
8.68
0.0123
12.0
DR125-8R2-R
8.20
8.048
5.54
7.86
0.0176
13.3
DR125-100-R
10.0
9.654
5.35
7.17
0.0189
14.6
DR125-150-R
15.0
15.35
4.27
5.69
0.0298
18.4
DR125-180-R
18.0
17.70
3.81
5.32
0.0377
19.6
DR125-220-R
22.0
22.36
3.70
4.71
0.0396
22.2
DR125-330-R
33.0
33.74
3.28
3.84
0.0505
27.2
DR125-470-R
47.0
47.47
2.71
3.24
0.0740
32.3
DR125-560-R
56.0
55.24
2.31
3.00
0.102
34.8
DR125-680-R
68.0
67.91
2.22
2.70
0.101
38.6
DR125-820-R
82.0
86.89
2.05
2.39
0.128
43.7
DR125-101-R
100
102.7
1.78
2.20
0.170
47.5
DR125-151-R
150
151.1
1.48
1.81
0.248
57.6
DR125-221-R
220
216.8
1.19
1.51
0.384
69.0
DR125-331-R
330
332.6
1.06
1.22
0.482
85.5
DR125-471-R
470
473.1
0.87
1.02
0.718
102
DR125-681-R
680
679.8
0.70
0.85
1.10
122
DR125-821-R
820
828.0
0.60
0.77
1.49
135
DR125-102-R
1000
1008
0.57
0.70
1.69
149
DR125-472-R
4700
4720
0.268
0.32
7.53
322.4
DR125-124-R
120000
120630
0.060
0.069
150
1521
(1) Open Circuit Inductance Test Parameters: 100kHz, 0.25Vrms, 0.0Adc.
(2) RMS current for an approximate ∆T of 40°C without core loss. It is recommended that the
temperature of the part not exceed 125°C.
(3) Peak current for approximate 30% roll off at 20°C.
(4) DCR limits @ 20°C.
(5) Applied Volt-Time product (V-µS) across the inductor. This value represent the applied V-µS
at 100kHz necessary to generate a core loss equal to 10% of the total losses for 40°C
temperature rise.
6) Part number definition: DRxxx-yyy-R
DRxxx = product code and size,
-yyy = inductance value in µH,
R = decimal point. If no R is present, third character = # of zeros
-R suffix = RoHS compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com