Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR74-820-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DR74-820-R
Description  High Power Density, High Efficiency, Shielded Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DR74-820-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DR74-820-R Datasheet HTML 1Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 2Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 3Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 4Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 5Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DR Series
High Power Density, High Efficiency, Shielded Inductors
1207
BU-SB07327
Page 1 of 6
Data Sheet 4315
Description
• 125°C maximum total operating temperature
• Four sizes of shielded drum core inductors
• Inductance range from 0.33µH to 1000µH
• Current range up to 56 amps peak
• Magnetic shielding
• Secure mounting
• Ferrite core material
Applications
• Computer, DVD players, and portable power devices
• LCD panels
• DC-DC converters
• Buck, boost, forward, and resonant converters
• Noise filtering and filter chokes
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(range is application specific)
• Solder reflow temperature: +260°C max. for 10 seconds max.
Packaging
• Supplied in tape and reel packaging, 1350 (DR73), 1100 (DR74),
600 (DR125), and 350 (DR127) per reel
(1) Open Circuit Inductance Test Parameters: 100kHz, 0.25Vrms, 0.0Adc.
(2) RMS current for an approximate ∆T of 40°C without core loss. It is recommended that the
temperature of the part not exceed 125°C.
(3) Peak current for approximate 30% roll off at 20°C.
(4) DCR limits @ 20°C.
(5) Applied Volt-Time product (V-µS) across the inductor. This value represent the applied V-µS
at 100kHz necessary to generate a core loss equal to 10% of the total losses for 40°C
temperature rise.
6) Part number definition: DRxxx-yyy-R
DRxxx = product code and size,
-yyy = inductance value in µH,
R = decimal point. If no R is present, third character = # of zeros
-R suffix = RoHS compliant
Part Number
Rated
OCL(1)
Irms(2)
Isat(3)
DCR(4)
Volt-µSec(5)
Inductance
+/-20%
Amps
Amps
(Ω
Ω
)
Typ.
(µH)
(µH)
Peak
Typ.
DR73-R33-R
0.33
0.306
6.21
14.4
0.0073
1.98
DR73-1R0-R
1.00
0.992
5.28
7.97
0.0102
3.56
DR73-1R5-R
1.50
1.482
4.67
6.52
0.0130
4.36
DR73-2R2-R
2.20
2.070
4.15
5.52
0.0165
5.15
DR73-3R3-R
3.30
3.540
3.31
4.22
0.0259
6.73
DR73-4R7-R
4.70
4.422
3.09
3.78
0.0297
7.52
DR73-6R8-R
6.80
6.480
2.55
3.12
0.0435
9.11
DR73-8R2-R
8.20
8.930
2.19
2.66
0.0592
10.7
DR73-100-R
10.0
10.30
2.08
2.47
0.0656
11.5
DR73-150-R
15.0
15.01
1.83
2.05
0.0844
13.9
DR73-220-R
22.0
22.65
1.62
1.67
0.107
17.0
DR73-330-R
33.0
34.41
1.31
1.35
0.166
21.0
DR73-470-R
47.0
48.62
1.08
1.14
0.241
24.9
DR73-680-R
68.0
68.91
0.89
0.96
0.358
29.7
DR73-820-R
82.0
80.37
0.86
0.89
0.384
32.1
DR73-101-R
100
101.4
0.73
0.79
0.527
36.0
DR73-151-R
150
150.9
0.58
0.65
0.851
44.0
DR73-221-R
220
223.3
0.52
0.53
1.05
53.5
DR73-331-R
330
325.5
0.42
0.44
1.59
64.5
DR73-471-R
470
465.8
0.35
0.37
2.36
77.2
DR73-681-R
680
676.5
0.29
0.31
3.47
93.1
DR73-821-R
820
821.7
0.27
0.28
3.93
103
DR73-102-R
1000
995.0
0.26
0.25
4.34
113


Similar Part No. - DR74-820-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR74-820-R COOPER-DR74-820-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-820-R ETC2-DR74-820-R Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Eaton All Rights Reserv...
DR74-820-R EATON-DR74-820-R Datasheet
845Kb / 9P
High power density, high efficiency, shielded drum core power inductors
More results

Similar Description - DR74-820-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DRA73 COOPER-DRA73 Datasheet
396Kb / 8P
High Power Density, High Efficiency, Shielded Inductors
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Eaton All Rights Reserv...
DR73-R33-R EATON-DR73-R33-R Datasheet
845Kb / 9P
High power density, high efficiency, shielded drum core power inductors
DR124 EATON-DR124 Datasheet
655Kb / 5P
High power density, high efficiency, low profile shielded drum core power inductors
SD52 EATON-SD52 Datasheet
382Kb / 4P
High power density, low profile shielded power inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com