Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR74-820-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DR74-820-R
Description  High Power Density, High Efficiency, Shielded Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DR74-820-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DR74-820-R Datasheet HTML 1Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 2Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 3Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 4Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 5Page - List of Unclassifed Manufacturers DR74-820-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1207
BU-SB07327
Page 5 of 6
Data Sheet 4315
A
A
SECTION A-A
Ko
Bo
2.00 ±0.1
4.00
Ø1.50 +0.1/-0.0
Ao
16.00
±
0.3
7.50±0.1
1.75±0.10
Ø1.50 Min.
12.00
User direction of feed
1
2
DR74 Series
Supplied in tape and reel packaging,
1100 parts per reel, 13" diameter reel.
1
2
A
A
SECTION A-A
K0
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
2.0
16.00
1.7
11.5
24.0
+/-0.3
User direction of feed
B0
A0
DR125 Series
Supplied in tape and reel packaging,
600 parts per reel, 13" diameter reel.
1
2
A
A
SECTION A-A
K0
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
2.0
20.00
1.7
11.5
24.0
+/-0.3
User direction of feed
B0
A0
DR127 Series
Supplied in tape and reel packaging,
350 parts per reel, 13" diameter reel.
Packaging Information
A
A
SECTION A-A
Ko
Bo
2.00 ±0.1
4.00
Ø1.50 +0.1/-0.0
Ao
16.00
±
0.3
7.50±0.1
1.75±0.10
Ø1.50 Min.
12.00
User direction of feed
1
2
DR73 Series
Supplied in tape and reel packaging,
1350 parts per reel, 13" diameter reel.
Dimensions are in millimeters.
ACTUAL SIZE
DR73
ACTUAL SIZE
DR74
ACTUAL SIZE
DR125
ACTUAL SIZE
DR127
Ao=7.90mm
Bo=7.90mm
Ko=3.80mm
Ao=7.90mm
Bo=7.90mm
Ko=4.70mm
Ao=13.0mm
Bo=13.0mm
Ko=6.30mm
Ao=13.0mm
Bo=13.0mm
Ko=8.30mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com