Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5367MTH1R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 5367MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5367MTH1R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 5367MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 10Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 11Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 12Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 13Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
APEM
www.apem.com
A-31
5000 series
Toggle switches - straight PC terminals
Threaded bushing Ø 6,35 (1/4) : 5200
A
Single pole
Double pole
Three pole
• Terminal spacing 4,7 mm (.185)
• 1, 2, 3 and 4 pole configurations
• Epoxy sealed terminals standard
For new projects, we recommend switches with support
bracket (option Y) which holds the switch securely on the PCB.
Other terminal lengths presented under "Special options".
Also available with plain bushing, see "Special options" X371
III
II
I
2-3
1-2
5236 B
ON
-
ON
5239 B
ON
OFF
ON
5237 B
MOM OFF MOM
5238 B
ON
OFF MOM
5232 B
ON
- MOM
III
II
I
2-3
1-2
5-6
4-5
5246 B
ON
-
ON
5249 B
ON
OFF
ON
5247 B
MOM OFF MOM
5248 B
ON
OFF MOM
5242 B
ON
- MOM
5244 B*
ON
ON
ON
5244 1R B*
ON
ON MOM
5244 2R B*
MOM ON MOM
III
II
I
2-3
1-2
5-6
4-5
8-9
7-8
5256 B
ON
-
ON
5259 B
ON
OFF
ON
5257 B
MOM OFF MOM
5258 B
ON
OFF MOM
5252 B
ON
- MOM
MODEL
STRUCTURE
Shown with standard lever (-13)
➞ Keyway
➞ Keyway
➞ Keyway
*Function 4 : SP in DP case - specify CT or TH connections, see end of catalogue.
➞ Keyway
1
2
3
1.10
(.043)
12.00
(.472)
8.00
(.314)
(.413)
10.50
1.00
(.039)
Ø6.35-40UNS
(1/4-40UNS)
4.00
(.157)
13.30
(.523)
4.70
Ø1.60
(.063 DIA)
(.185)
III
II
I
1
2
3
6
5
4
Epoxy
(.039)
1.00
10.50
(.413)
(.314)
8.00
7.00
(.275)
(1/4-40UNS)
Ø6.35-40UNS
(.523)
(.157)
13.30
4.00
(.185)
(.063 DIA)
Ø1.60
4.70
I
II
III
3
2
1
Epoxy
16.50
(.649)
10.50
(.413)
(.314)
8.00
(.039)
1.00
(1/4-40UNS)
Ø6.35-40UNS
(.157)
4.00
(.567)
14.40
(.185)
4.70
(.063 DIA)
Ø1.60
III
II
I
3
2
1
7
8
9
Epoxy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com