Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5367MTH1R Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 5367MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5367MTH1R Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 5367MTH1R Datasheet HTML 14Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 15Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 16Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 17Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 18Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 19Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 20Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 21Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
A-42
APEM
www.apem.com
5000 series
Toggle switches - plain bushing
Straight PC terminals - bracket mounting : 5200Y
A
Short bracket - width 15,75 (.620) - double pole : 5240Y
Short bracket - width 15,75 (.620) - single pole : 5230Y
Brackets reduce mechanical stress on solder joints
and increase resistance to vibrations.
Bracket material : tin plated steel.
• Epoxy sealed terminals standard
• 1and 2 pole configurations
III
II
I
2-3
1-2
5236Y B
ON
-
ON
5239Y B
ON
OFF
ON
5237Y B
MOM OFF MOM
5238Y B
ON
OFF MOM
5232Y B
ON
- MOM
MODEL
STRUCTURE
Y - Y6
Y4 - Y7
Shown with standard lever (-13)
III
II
I
2-3
1-2
5-6
4-5
5246Y B
ON
-
ON
5249Y B
ON
OFF
ON
5247Y B
MOM OFF MOM
5248Y B
ON
OFF MOM
5242Y B
ON
- MOM
5244Y B*
ON
ON
ON
5244Y 1R B*
ON
ON MOM
5244Y 2R B*
MOM ON MOM
* Function 4 : SP in DP case - specify CT or TH connections, see end of catalogue.
1.10
(.043)
(.043)
1.10
24˚
(.125)
(.620)
(.275)
3.18
15.75
7.00
3.18
(.125)
EPOXY
(.062 DIA)
Ø1.60
1
2
3
(.118 DIA)
(.246 DIA)
Ø6.25
Ø3.00
0.40
(.015)
(.046)
1.17
III
II
I
(.125)
3.18
15.75
3.18
(.620)
(.125)
4.75
Ø6.25
8.20
(.187)
(.322)
(.246 DIA)
(.118 DIA)
24˚
III
(.472)
12.00
EPOXY
(.062 DIA)
Ø1.60
3
2
1
Ø3.00
(.015)
(.046)
0.40
1.17
II
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com