Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5367MTH1R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 5367MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5367MTH1R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  5367MTH1R Datasheet HTML 1Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 2Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 3Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5367MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
A-24
APEM
www.apem.com
5000 series
Toggle switches
Overview
A
5
SERIES
Terminals and bushing
0
Straight PC terminals, 5,08 (.200) terminal
spacing, with Ø 6,35 (1/4) threaded
bushing
1
Straight PC or quick-connect terminals,
4,70 (.185) terminal spacing, with Ø 6
(.236) threaded bushing.
2
Straight PC terminals, 4,70 (.185) terminal
spacing, right angle, quick-connect or
wire wrap terminals, with 6,35 (1/4)
threaded bushing
3
Straight PC terminals, 4 (.157) terminal
spacing, with Ø 6 (.236) threaded
bushing
4
Straight PC terminals, 4 (.157) terminal
spacing or right angle terminals , with
Ø 6,35 (1/4)
threaded bushing
5
Solder lug terminals, with Ø 6 (.236)
threaded bushing.
6
Solder lug terminals, with Ø 6,35 (1/4)
or Ø 11,9 (15/32)
threaded bushing.
7
Solder lug terminals, with Ø 6,35 (1/4)
flatted
bushing.
9
Straight PC or quick-connect terminals,
with Ø 6,35 (1/4) flatted bushing, 4,70
(.185) terminal spacing.
Number of poles
3
Single pole
4
Double pole
5
Three pole
6
Four pole
Electrical functions
6
ON
-
ON
9
ON
OFF
ON
7
MOM OFF
MOM
8
ON
OFF
MOM
2
ON
-
MOM
4
ON
ON
ON
ON
ON MOM ▲
MOM ON MOM ▲
Function 4
Must not have blank in
"connections" box.
. ▲ Must not have blank in
"momentary" box.
Connections for
function 4
TH
Standard
CT
Reversed
See wiring diagrams end of
section B.
. For functions 4, 4-1R, 4-2R.
Leave blank for all other
functions.
Momentary for
function 4
1R
ON ON MOM
2R
MOM ON MOM
Leave blank for other
functions.
Terminals
Blank
Solder lugs or straight PC depending
on model
M
Solder lugs with Ø 11,9 (15/32)
bushing (5600 switches)
MIWR
Wire wrap (for 5200 switches only)
W
Right angle, horizontal mounting
(5200 - 5400 switches)
WW
Right angle, vertical mounting
(5200 - 5400 switches)
Y
]
Y4
] Bracket mounting (5200 switches)
Y6
]
Y7
]
Z
Quick connect (5200 - 5100 - 5900
switches)
ABOUT THIS SERIES
On the following pages, you will find successively :
- model structure of switches with threaded bushing
- model structure of switches with plain bushing
- options in the same order as in above chart
Dimensions
: first dimensions are in mm while inches are shown as bracketted numbers.
NOTICE
: please note that not all combinations of above numbers are available.
Refer to the following pages for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com