Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-2710 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25° C, VDDA5 = 5.0 V.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
System Current, Mouse Moving
IDD5
7.5
10
mA
Includes XY_LED current
System Current, Mouse Not
Moving
IDD5N
6
9
mA
Includes XY_LED current
System Current, USB Suspend
Mode, Remote Wakeup Enabled
IDD5S
500
A
Includes XY_LED current and
D- pullup resistor.
Supply Current (Sensor only),
Mouse Moving
IDDS
4.5
mA
No load on SW, XY-LED, ZA, ZB,
D+, D-
Supply Current (Sensor only),
Mouse Not Moving
IDDSN
3.9
mA
No load on SW, XY-LED, ZA, ZB,
D+, D-
Sensor Supply Current,
USB Suspend Mode
IDDSS
260
A
No load on SW, XY-LED, ZA, ZB,
D+,D-
XY_LED Current
ILED
30
mA
XY_LED Output Low Voltage
VOL
1.1
V
Input Low Voltage
VIL
0.5
V
Pins: ZA, ZB
VIL max of 0.5 VDC is at VDDA5 min
of 4 V DC, with a typical of 0.8 VDC
at VDDA5 of 5 VDC
Input High Voltage
VIH
0.6*VDDA5
V
Pins: ZA, ZB
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com