Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-2710 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  ADNS-2710 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
Table 1. Pin Name Description
Pin Name
Input/Output Description
XY_LED
I
XY_LED
VDDA5
–
5-Volt Power
ZB
I
Z-Wheel quadrature input
ZA
I
Z-Wheel quadrature input
SW
–
3-in-1 button pin. Do not force
any voltage into this pin
GND
–
Ground
D-
I/O
USB D- line
D+
I/O
USB D+ line
Figure 1. Device Pinout
Figure 2. Package Outline Drawing
CAUTION: It is advised that normal static precautions be taken in handling and assembling
of this component to prevent damage and/or degradation which may be induced by ESD.
Package Pinout
4ZA
3ZB
2
VDDA5
1
XY_LED
SW
GND
D-
D+
5
6
7
8
Theory of Operation
The sensor is based on Optical Navigation Technology.
It contains an Image Acquisition System (IAS), a Digital
Signal Processor (DSP) and USB stream output.
The IAS acquires microscopic surface images via the lens
and illumination system provided by the trim lens. The
clip and LED. These images are processed by the DSP to
determine the direction and distance of motion. The DSP
generates the
x and y relative displacement values
which are converted to USB motion data.
A2710 XYYWWZE
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com