Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-2710 Datasheet(PDF) 32 Page - Pixart Imaging Inc.

Part # ADNS-2710
Description  Single Chip USB Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2710 Datasheet(HTML) 32 Page - Pixart Imaging Inc.

Back Button ADNS-2710 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 32Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 33Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 34Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 35Page - Pixart Imaging Inc. ADNS-2710 Datasheet HTML 36Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32
PIX_ACCUM
Address: 0x0B
Type: Device
Access: Read only
Reset Value: 0x00
Bit
76543210
Field
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
Data Type: High 8bits of 17-bit unsigned integer.
USAGE: This is the accumulated pixel value from the last image taken. For the 19x19 pixels, only the 8 most prominent
bits are reported ([15:8]). To get the true average pixel value, divide this register value by 1.41.
PIX_MIN
Address: 0x0C
Type: Device
Access: Read only
Reset Value: 0x00
Bit
76543210
Field
0
MN6
MN5
MN4
MN3
MN2
MN1
MN0
Data Type: 8-bit number.
USAGE: This is the minimum pixel value from the last image taken.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-2710 Single Chip USB Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com