Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6337 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAS6337
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6337 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAS6337 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PixArt Imaging Inc.
PAS6337
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0,
2012/05/24
0
98
152
[5]
R_HFLIP
0x00 Horizontal flip
0
99
153
[6:0] R_OffsetX_R[6:0]
0x00
Horizontal distances between shading center and sensor array
center of R-channel, MSB:sign bit, -63~+63
0
9A
154
[6:0] R_OffsetY_R[6:0]
0x00
Vertical distances between shading center and sensor array
center of R-channel, MSB:sign bit, -63~+63
0
9B
155
[6:0] R_OffsetX_G[6:0]
0x00
Horizontal distances between shading center and sensor array
center of G-channel, MSB:sign bit, -63~+63
0
9C
156
[6:0] R_OffsetY_G[6:0]
0x00
Vertical distances between shading center and sensor array
center of G-channel, MSB:sign bit, -63~+63
0
9D
157
[6:0] R_OffsetX_B[6:0]
0x00
Horizontal distances between shading center and sensor array
center of B-channel, MSB:sign bit, -63~+63
0
9E
158
[6:0] R_OffsetY_B[6:0]
0x00
Vertical distances between shading center and sensor array
center of B-channel, MSB:sign bit, -63~+63
0
9F
159
[6:0] R_LSC_R1[6:0]
0x00 Quartic parameter of R-channel
0
A0
160
[6:0] R_LSC_G1[6:0]
0x00 Quartic parameter of G-channel
0
A1
161
[6:0] R_LSC_B1[6:0]
0x00 Quartic parameter of B-channel
0
A2
162
[6:0] R_LSC_R2[6:0]
0x50 Square parameter of R-channel
0
A3
163
[6:0] R_LSC_G2[6:0]
0x50 Square parameter of G-channel
0
A4
164
[6:0] R_LSC_B2[6:0]
0x50 Square parameter of B-channel
0
A5
165
[2:0] R_LSFT_1[2:0]
0x04 Parameter of LensShading
0
A6
166
[1:0] R_LSFT_2[1:0]
0x00 Parameter of LensShading
0
A7
167
[1:0] R_LSFT_3[1:0]
0x21 Parameter of LensShading
0
A7
167
[5:4] R_LSFT_4[1:0]
0x21 Parameter of LensShading
0
EF
239
[2:0] R_RegBankSel
0x00
Register Bank Select
0: ISP1 Register Bank (default)
1: Sensor Register Bank
2: ISP2 Register Bank
3: MIPI regbank
2
7
7
[7:0] R_ImgEffect_Y_offset[7:0]
0x80 2'complement (ISP2_UpdateFlag=1, update )
2
8
8
[7:0] R_ImgEffect_U_offset[7:0]
0x00 2'complement (ISP2_UpdateFlag=1, update )
2
9
9
[7:0] R_ImgEffect_V_offset[7:0]
0x00 2'complement (ISP2_UpdateFlag=1, update )
2
A
10
[0]
R_ISP_ImgEffect_1_En
0x00
(ISP2_UpdateFlag=1, update )
2
C
12
[7:0] R_AUTO_Contrast_UB
0x50 Contrast strength UB
2
D
13
[7:0] R_AUTO_Contrast_LB
0x40 Contrast strength LB
2
22
34
[3]
R_Defect_EnH
0x01 Defect Enable
2
22
34
[7]
R_ISP_Edge_En0
0x01 ISP edge enhancement enable
2
2C
44
[5:0] R_Edge_UB[5:0]
0x20 ISP edge enhancement value upper bound
2
2D
45
[5:0] R_Edge_LB[5:0]
0x19 ISP edge enhancement value lower bound
2
2E
46
[5:0] R_EdgeThdLB[5:0]
0x10 ISP edgethd LB
2
2F
47
[4:0] R_AE_stage_LL[4:0]
0x13 AE_stage > R_AE_stage_LL =>Low Light
2
30
48
[4:0] R_AE_stage_NL[4:0]
0x11 AE_stage < R_AE_stage_NL =>Normal Light
2
35
53
[4:0] R_Gamma_Strength_NL[4:0]
0x10 Gamma Strength @ NL
2
36
54
[4:0] R_Gamma_Strength_Delta[4:0]
0x08 Increment when AE/AG stage change
2
36
54
[5]
R_Manual_Gamma_Strength
0x00 Fix setting to NL
2
37
55
[4:0] R_Gamma_Strength_LL[4:0]
0x08 Gamma Strength @ LL
2
38
56
[4:0] R_AE_Middle_Stage[4:0]
0x0f
Apply Middle Gain when AE_stage >= R_AE_Middle_Stage
2
38
56
[7]
R_AE_Middle_Gain_En
0x01 AE Middle Gain Enable
2
39
57
[6:0] R_AE_Middle_Gain[6:0]
0x10 max 63 (non-frame-rate mode)
2
3E
62
[5:0] R_CCMbSign[5:0]
0x33 CCM matrix coefficient
2
3F
63
[6:0] R_CCMb0_0[6:0]
0x13 CCM matrix coefficient(Q1.6)
2
40
64
[6:0] R_CCMb0_1[6:0]
0x25 CCM matrix coefficient(Q1.6)
2
41
65
[6:0] R_CCMb0_2[6:0]
0x07 CCM matrix coefficient(Q1.6)
2
42
66
[6:0] R_CCMb1_0[6:0]
0x0c CCM matrix coefficient(Q0.7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com