Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6337 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAS6337
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6337 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAS6337 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 15Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PixArt Imaging Inc.
PAS6337
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0,
2012/05/24
2
43
67
[6:0] R_CCMb1_1[6:0]
0x29 CCM matrix coefficient(Q0.7)
2
44
68
[6:0] R_CCMb1_2[6:0]
0x35 CCM matrix coefficient(Q0.7)
2
45
69
[6:0] R_CCMb2_0[6:0]
0x35 CCM matrix coefficient(Q0.7)
2
46
70
[6:0] R_CCMb2_1[6:0]
0x34 CCM matrix coefficient(Q0.7)
2
47
71
[6:0] R_CCMb2_2[6:0]
0x01 CCM matrix coefficient(Q0.7)
2
48
72
[4:0] R_AE_Middle_Stage2[4:0]
0x30 AE_Middle_Gain2 select region
2
49
73
[4:0] R_AE_Middle_Stage3[4:0]
0x52 AE_Middle_Gain3 select region
2
55
85
[4]
R_Manual_EdgeRatio
0x00 Fix setting to normal light
2
56
86
[4:0] R_EdgeRatio_Delta[4:0]
0x08 Increment when AE/AG state change
2
57
87
[4:0] R_EdgeRatio_LL[4:0]
0x04 Edge ratio @Low Light
2
58
88
[4:0] R_EdgeRatio_NL[4:0]
0x0a Edge ratio @Normal Light
2
59
89
[4]
R_Manual_Edge_th
0x00 Fix setting to normal light
2
5A
90
[4:0] R_Edge_th_Delta[4:0]
0x08 Increment when AE/AG state change
2
5B
91
[4:0] R_Edge_th_LL[4:0]
0x0a Edge threshold @ Low Light
2
5C
92
[4:0] R_Edge_th_NL[4:0]
0x08 Edge threshold @ Normal Light
2
5D
93
[0]
R_Saturation_Fast
0x01
1: fast change, +-Delta
0: slow change, +-(1/Delta)
2
5D
93
[1]
R_Saturation_2X
0x00 Color Saturation double
2
5D
93
[4]
R_Manual_Saturation
0x00 Fix setting to normal light
2
5E
94
[4:0] R_Saturation_Delta[4:0]
0x01 Increment when AE/AG state change
2
5F
95
[4:0] R_Saturation_LL[4:0]
0x0b Color Saturation @ Low Light
2
60
96
[4:0] R_Saturation_NL[4:0]
0x16 Color Saturation @ Normal Light
2
61
97
[0]
R_Shading_CP_Fast
0x00
1: fast change, +-Delta
0: slow change, +-(1/Delta)
2
61
97
[4]
R_Manual_Shading_CP
0x00 Manual Shading percentage
2
62
98
[4:0] R_Shading_CP_Delta[4:0]
0x02 Increment when AE/AG state change
2
63
99
[3:0] R_Shading_CP_NL[3:0]
0x0f
Shading compensation percentage @Normal Light
2
63
99
[7:4] R_Shading_CP_LL[3:0]
0x00 Shading compensation percentage @Low Light
2
64
100
[0]
R_Contrast_En
0x01 Contrast Enable
2
69
105
[7:0] R_Brightness_LL[7:0]
0x00 Brightness @ Low Light
2
6A
106
[7:0] R_Brightness_NL[7:0]
0x00 Brightness @ Normal Light
2
7E
126
[6:0] R_AE_Middle_Gain2[6:0]
0x00 max 63 (non-frame-rate mode)
2
7F
127
[6:0] R_AE_Middle_Gain3[6:0]
0x8a max 63 (non-frame-rate mode)
2
BE
190
[0]
R_RGB_Dithering
0x00 RGB565/555/444 Dithering
2
BF
191
[1]
R_UV_Swap
0x00 U V Swap
2
BF
191
[2]
R_HLByte_Swap
0x01
Pxdata High/Low byte swap
YUV mode : YC swap
RGB565/555/444 mode : High/low byte swap
Processd Raw mode : must set to "0"
2
C0
192
[3:0] R_RGB565_mode[3:0]
0x00 RGB565_mode
2
C0
192
[5:4] R_Format_Sel
0x00
Output Data format select
0:YUV 1:RGB565 2:RGB555 3:RGB444
(ISP2_UpdateFlag=1, update )
2
C1
193
[0]
R_Vsync_INV
0x01 Vsync inverse
2
C1
193
[1]
R_Hsync_INV
0x01 Hsync inverse
2
C1
193
[2]
R_Pxclk_INV
0x00 Pxclk inverse
2
C1
193
[3]
R_Pxclk_Gated_InHVSync
0x00 Testmode: Gate PXCLK in hsync/vsync
2
C1
193
[4]
R_SenVsync_En
0x00 OV Sensor Timing
2
C1
193
[5]
R_HsyncInVsync
0x00 hsync toggle when vsync high
2
C2
194
[6:4] R_PxclkO_dly
0x00 Pxclk Delay Cell Select
2
C2
194
[2:0] R_HsyncO_dly
0x00 Hsync Delay Cell Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com