Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6337 Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # PAS6337
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6337 Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button PAS6337 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 15Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 16Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 17Page - Pixart Imaging Inc. PAS6337 Datasheet HTML 18Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
PixArt Imaging Inc.
PAS6337
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0,
2012/05/24
3
66
102
[7:0] R_golden_CSI_O[23:16]
0xd7 CSI output golden checksum
3
67
103
[7:0] R_golden_CSI_O[31:24]
0xcf
CSI output golden checksum
3
68
104
[7:0] R_golden_TX0[7:0]
0x40 D-PHY output golden checksum
3
69
105
[7:0] R_golden_TX0[15:8]
0xa3 D-PHY output golden checksum
3
70
112
[0]
R_BIST_MIPI_Start
0
MIPI MBIST start
3
71
113
[3:0] R_BIST_MIPI_mode[3:0]
0x0
MIPI MBIST mode
3
72
114
[3:0] R_BIST_MIPI_Sel[3:0]
0x0
MIPI MBIST select
3
73
115
[2]
BIST_MIPI_error
0
MIPI MBIST error
3
73
115
[1]
BIST_MIPI_ok
0
MIPI MBIST ok
3
73
115
[0]
BIST_MIPI_end
0
MIPI MBIST end
3
74
116
[7:0] BIST_MIPI_error_A[7:0]
0x00 MIPI MBIST error address
3
75
117
[7:0] BIST_MIPI_error_map[7:0]
0x00 MIPI MBIST error bit map
3
76
118
[7:0] BIST_MIPI_error_map[15:8]
0x00 MIPI MBIST error bit map
3
77
119
[7:0] BIST_MIPI_error_map[23:16]
0x00 MIPI MBIST error bit map
3
78
120
[7:0] BIST_MIPI_error_map[31:24]
0x00 MIPI MBIST error bit map
3
79
121
[7:0] BIST_MIPI_error_map[39:32]
0x00 MIPI MBIST error bit map
3
7A
122
[7:0] BIST_MIPI_error_map[47:40]
0x00 MIPI MBIST error bit map
3
7B
123
[7:0] BIST_MIPI_error_map[55:48]
0x00 MIPI MBIST error bit map
3
7C
124
[7:0] BIST_MIPI_error_map[63:56]
0x00 MIPI MBIST error bit map
3
82
130
[1]
TX_Sram_Empty_Error_Flag
0x00 CSI sram empty error flag
3
82
130
[0]
TX_Sram_Full_Error_Flag
0x00 CSI sram full error flag
3
83
131
[2]
Mismch_TX0
0x00 D-PHY output mismatch flag
3
83
131
[1]
Mismch_CSI_O
0x00 CSI output mismatch flag
3
83
131
[0]
Mismch_SENIF_I
0x00 Sensor interface mismatch flag
3
87
135
[7:0] Cksum_SENIF_I[7:0]
0x00 sensor interface input checksum
3
88
136
[7:0] Cksum_SENIF_I[15:8]
0x00 sensor interface input checksum
3
89
137
[7:0] Cksum_CSI_O[7:0]
0x00 CSI output checksum
3
8A
138
[7:0] Cksum_CSI_O[15:8]
0x00 CSI output checksum
3
8B
139
[7:0] Cksum_CSI_O[23:16]
0x00 CSI output checksum
3
8C
140
[7:0] Cksum_CSI_O[31:24]
0x00 CSI output checksum
3
8E
142
[7:0] Cksum_TX0[7:0]
0x00 D-PHY output checksum
3
8F
143
[7:0] Cksum_TX0[15:8]
0x00 D-PHY output checksum
3
90
144
[3:0] R_MIPI_SRAM_DS[3:0]
0x04 SRAM DS
3
ED
237
[0]
MIPI_update
0
Sync update pll related register
3
F1
241
[0]
MIPI_SWRstn
0
MIPI software reset
3
F2
242
[0]
RegBank_SWRstn
0
MIPI regbank software reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com