Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE0404 Datasheet(PDF) 14 Page - Tyco Electronics

Part # ADE0404
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE0404 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button ADE0404 Datasheet HTML 10Page - Tyco Electronics ADE0404 Datasheet HTML 11Page - Tyco Electronics ADE0404 Datasheet HTML 12Page - Tyco Electronics ADE0404 Datasheet HTML 13Page - Tyco Electronics ADE0404 Datasheet HTML 14Page - Tyco Electronics ADE0404 Datasheet HTML 15Page - Tyco Electronics ADE0404 Datasheet HTML 16Page - Tyco Electronics ADE0404 Datasheet HTML 17Page - Tyco Electronics ADE0404 Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
13
Switches
Power Rocker Switches
PRF Series
I 22.2 mm x 30.2 mm panel
cut-out
I Easy snap-in mounting
2
Dust resistant
Solder lug or Quick connect
Yes
10A@250 Vac
W 10,000 ops.
-20…+85°C
UL, VDE, ENEC
Tray
PRE Series
I 19.4 mm x 22.2 mm panel
cut-out
I Easy snap-in mounting
2
Dust resistant
Solder lug or Quick connect
Yes
6 A @ 250 Vac
W 10,000 ops.
-20…+85°C
UL, VDE, ENEC
Tray
PRA Series
I 13.0 mm x 19.2 mm panel
cut-out
I Easy snap-in mounting
1 or 2
Dust resistant, optional
waterproof cover
Solder lug or Quick connect
single pole versions only
1 pole version: 10A @ 250 Vac
2 pole version: 6A @ 250 Vac
W 6,000 ops.
-20…+85°C
1 pole vers.: cUL (VDE, ENEC)
2 pole vers.: cUL
Tray
PRG Series
I 11.2 mm x 30.2 mm panel
cut-out
I Easy snap-in mounting
1
Dust resistant
Solder lug or Quick connect
Yes
10A@250 Vac
W 6,000 ops.
-20…+85°C
UL, VDE, ENEC
Tray
Power Rocker Switch
Number of poles
Sealing
Type of terminals
Illumination versions
Contact rating
Electrical endurance
Operating temperature range
Approvals
Packaging
Power Rocker Switch
Number of poles
Sealing
Type of terminals
Illumination versions
Contact rating
Electrical endurance
Operating temperature range
Approvals
Packaging
PRC Series
I IP 66 waterproof
I 21.2 mm x 36.6 mm panel
cut-out
I Easy snap-in mounting
1 or 2
IP 66 waterproof
Solder lug, Quick connect, Screw
No
10A @ 250 Vac
W 6,000 ops.
-20…+85°C
UL
Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com