Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE0404 Datasheet(PDF) 27 Page - Tyco Electronics

Part # ADE0404
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE0404 Datasheet(HTML) 27 Page - Tyco Electronics

Back Button ADE0404 Datasheet HTML 22Page - Tyco Electronics ADE0404 Datasheet HTML 23Page - Tyco Electronics ADE0404 Datasheet HTML 24Page - Tyco Electronics ADE0404 Datasheet HTML 25Page - Tyco Electronics ADE0404 Datasheet HTML 26Page - Tyco Electronics ADE0404 Datasheet HTML 27Page - Tyco Electronics ADE0404 Datasheet HTML 28Page - Tyco Electronics ADE0404 Datasheet HTML 29Page - Tyco Electronics ADE0404 Datasheet HTML 30Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
26
Switches
Preferred Part Numbers - Power Rocker Switches
PRA Series
PRC Series
PRE Series
Product key
Switch function
Rocker color
Text pattern
Part number
P
PR
RA
A S
Se
erriie
es
s,, 1
13
3..0
0x
x1
19
9..2
2m
mm
m p
pa
an
ne
ell c
cu
utto
ou
utt,, 1
10
0A
A s
siin
ng
glle
e p
po
olle
e
PRASA1-16F-BB000
On-Off, opaque
black
not applicable
1571076-9
PRASA1-16F-BB0BW
0 - , white printing
1-1571076-0
PRASA1-16F-BB0CW
0 l , white printing
1-1571076-1
PRASA1-16F-BR000
red
not applicable
6-1571076-5
PRASA1-16F-BB0HW
black
ON OFF, white pr.
2-1571076-0
PRASD1-16F-BB000
not applicable
1571079-4
PRASD1-16F-BB0DW
- = , white printing
1571079-5
PRASD1-16F-BB0EW
l ll , white printing
1571079-6
PRASD3-16F-BB000 On-Off-On, opaque
not applicable
1571079-7
PRASD3-16F-BB0FW
- 0 =, white printing
1571079-8
PRASD3-16F-BB0GW
l 0 ll, white printing
1571079-9
PRASD2-16F-BB000
On-(On), opaque
not applicable
1-1571079-0
PRASD2-16F-BB0DW
- = , white printing
1-1571079-1
PRASD2-16F-BB0EW
l ll , white printing
1-1571079-2
PRASD4-16F-BB000
On-Off-(On), opaque
not applicable
1-1571079-3
PRASD4-16F-BB0FW
- 0 =, white printing
1-1571079-4
PRASD4-16F-BB0GW
l 0 ll, white printing
1-1571079-5
P
PR
RA
A S
Se
erriie
es
s,, 1
13
3..0
0x
x1
19
9..2
2m
mm
m p
pa
an
ne
ell c
cu
utto
ou
utt,, 6
6A
A d
do
ou
ub
blle
e p
po
olle
e
PRADA1-12F-BB000
On-Off, opaque
black
not applicable
1977068-1
PRADA1-12F-BB0BW
0 - , white printing
1977068-2
PRADA1-12F-BB0CW
0 l , white printing
1977068-3
PRADA1-12F-BR000
red
not applicable
1977068-4
PRADA1-12F-BR0BW
0 - , white printing
1977068-5
PRADD1-12F-BB000
black
not applicable
1977069-1
PRADD1-12F-BB0DW
- = , white printing
1977069-2
PRADD1-12F-BB0EW
l ll , white printing
1977069-3
PRADD3-12F-BB000 On-Off-On, opaque
not applicable
1977069-4
PRADD3-12F-BB0FW
- 0 =, white printing
1977069-5
PRADD3-12F-BB0GW
l 0 ll, white printing
1977069-6
PRADD2-12F-BB000
1977069-7
PRADD2-12F-BB0DW On-(On), opaque
- = , white printing
1977069-8
PRADD2-12F-BB0EW
l ll , white printing
1977069-9
PRADD4-12F-BB000 On-Off-(On), opaque
not applicable
1-1977069-0
PRADD4-12F-BB0FW
- 0 =, white printing
1-1977069-1
PRADD4-12F-BB0GW
l 0 ll, white printing
1-1977069-2
Product key
Switch function
Rocker color
Text pattern
Part number
PREDA1-07F-BB000
On-Off, opaque
black
not applicable
1634200-1
PREDA1-07F-BB0BW
0 - , white printing
1634200-2
PREDA1-07F-BB0CW
0 l , white printing
1634200-3
PREDB1-07F-BR000
On-Off, illuminated
red
not applicable
1634200-7
PREDB1-07F-BG000
green
1634200-9
PREDD1-07F-BB000
On-On, opaque
black
1-1634200-1
PREDD1-07F-BB0DW
l ll , white printing
1-1634200-2
PREDD1-07F-BB0EW
- = , white printing
1-1634200-3
PREDD3-07F-BB0FW On-Off-On, opaque
l 0 ll, white printing
1-1634200-7
PREDD3-07F-BB0GW
- 0 =, white printing
1-1634200-8
PREDD4-07F-BB000 On-Off-(On), opaque
not applicable
2-1634200-1
PREDD4-07F-BB0FW
l 0 ll, white printing
2-1634200-2
PREDD4-07F-BB0GW
- 0 =, white printing
2-1634200-3
PREDD5-07F-BB000 (On)-Off-(On), opaque
not applicable
2-1634200-4
PREDD5-07F-BB0FW
l 0 ll, white printing
2-1634200-5
PREDD5-07F-BB0GW
- 0 =, white printing
2-1634200-6
Product key
Switch function
Rocker color
Text pattern
Part number
PRCSA1-20F-BB0BW
On-Off, opaque
black
0 - , white printing
1571095-2
PRCSD1-20F-BB0DW
On-On, opaque
- = , white printing
1571100-2
PRCDA1-20F-BB0BW
On-Off, opaque
0 - , white printing
1571102-2
PRCDD1-20F-BB0DW
On-On, opaque
- = , white printing
1571099-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com