Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE0404 Datasheet(PDF) 4 Page - Tyco Electronics

Part # ADE0404
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE0404 Datasheet(HTML) 4 Page - Tyco Electronics

  ADE0404 Datasheet HTML 1Page - Tyco Electronics ADE0404 Datasheet HTML 2Page - Tyco Electronics ADE0404 Datasheet HTML 3Page - Tyco Electronics ADE0404 Datasheet HTML 4Page - Tyco Electronics ADE0404 Datasheet HTML 5Page - Tyco Electronics ADE0404 Datasheet HTML 6Page - Tyco Electronics ADE0404 Datasheet HTML 7Page - Tyco Electronics ADE0404 Datasheet HTML 8Page - Tyco Electronics ADE0404 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
3
Switches
DIP Switches - AD Series, SIP Switches, DIP Series
ADP Series
I Piano actuator
I High pressure contact system
I Processable without tape seal
I Auto insertable
2, 4, 6, 8, 10
THT, SMT
No
100 mA @ 24 Vdc
1000 ops.
No
-30…+85°C
8.8 x 6.8 mm
Tupe, Tape and Reel
ADF Series
I Flush actuator
I High pressure contact system
I Processable without tape seal
I Auto insertable
2…12
THT, SMT
Optional
100 mA @ 24 Vdc
1000 ops.
Optional
-30…+85°C
7.5 x 3.5 mm
Tube, Tape and Reel
DIP Series
I Up to 30 poles
I Action pins up to 9 poles
I High contact force to break
through oxide or dirt layers
1-30
THT, Action pins
No
25 mA @ 50 Vdc
2000 ops.
-25…+70°C
10.0 x 8.5 mm
Tube
ADE Series
I Extended actuator
I High pressure contact system
I Processable without tape seal
I Auto insertable
2…12
THT, SMT
No
100 mA @ 24 Vdc
1000 ops.
Optional
-30…+85°C
7.5 x 3.5 mm
Tube
STV, STR Series
I Low profile
I High pressure contact system
I Processable without tape seal
2, 4, 6, 8, 10
THT
No
25 mA @ 24 Vdc
1000 ops.
-30…+85°C
3.2 x 6.2 mm
Tube
Dips
Standard number of positions
Mounting style
Tape seal
Contact rating
Electrical endurance
Integral resistors
Operating temperature range
Dimensions (WxH)
Packaging
Dips
Standard number of positions
Mounting style
Tape seal
Contact rating
Electrical endurance
Operating temperature range
Dimensions (WxH)
Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com