Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK6G-R2RL Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK6G-R2RL
Description  RESISTOR NETWORKS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK6G-R2RL Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK6G-R2RL Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK6G-R2RL Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK6G-R2RL Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK6G-R2RL Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
The Accutek family of resistor networks is de-
signed to create any value or combination of val-
ues of resistors into a single compact pluggable
module.
Using our standard product boards, you specify
what value, tolerance, and wattage is necessary
and we assemble a resistor network utilizing sur-
face mounted chip resistors into the circuit you re-
quire.
Custom designed resistor networks can also be
supplied with your unique pin assignments and cir-
cuitry. Also, capacitors can be added to any mod-
ule to provide filtering or termination.
FEATURES
· Resistors of any value or tolerance
· SIP, ZIP, or DIP packaging
· Mix and match resistors and capacitors
· Standard product for quick turn
· Custom configurations for special applications
RESISTOR NETWORKS
ACCUTEK
MICROCIRCUIT CORPORATION
YOU TELL US WHAT VALUE, TOLERANCE,
AND WATTAGE YOU WANT, AND IN A FEW
DAYS, YOU WILL RECEIVE THE
NETWORK YOU REQUIRE
DESIGN YOUR OWN RESISTOR NETWORK
ACCUTEK
MICROCIRCUIT CORPORATION
5 NEW PASTURE ROAD
NEWBURYPORT, MA 01950-4040
PHONE: 978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet: www.accutekmicro.com


Similar Part No. - AK6G-R2RL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AK6 LITTELFUSE-AK6 Datasheet
203Kb / 2P
Silicon Avalanche Diodes - 6000W Transient Voltage Suppression For AC Line Protection
logo
HuaXinAn Electronics CO...
AK6-015C HUAXINAN-AK6-015C Datasheet
343Kb / 2P
8x20uS 6KA Transient Voltage Suppressors
logo
HUAAN LIMITED
AK6-015C HUAAN-AK6-015C Datasheet
437Kb / 4P
AK6-015C Thru AK6-430C
logo
HuaXinAn Electronics CO...
AK6-020C HUAXINAN-AK6-020C Datasheet
343Kb / 2P
8x20uS 6KA Transient Voltage Suppressors
logo
HUAAN LIMITED
AK6-020C HUAAN-AK6-020C Datasheet
437Kb / 4P
AK6-015C Thru AK6-430C
More results

Similar Description - AK6G-R2RL

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
Chip resistor networks
logo
Electronic Film Capacit...
RC1313 EFC-RC1313 Datasheet
23Kb / 2P
RESISTOR-CAPACITOR NETWORKS
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R3S ACCUTEK-AK06G-R3S_09 Datasheet
100Kb / 3P
RESISTOR NETWORKS
AK06G-R5L ACCUTEK-AK06G-R5L_09 Datasheet
114Kb / 4P
RESISTOR NETWORKS
AK06G-R5T ACCUTEK-AK06G-R5T_09 Datasheet
112Kb / 4P
RESISTOR NETWORKS
AK06G-R8DTL ACCUTEK-AK06G-R8DTL_09 Datasheet
124Kb / 4P
RESISTOR NETWORKS
logo
UNIOHM CORPORATION
RN8A102J UNIOHM-RN8A102J Datasheet
3Mb / 2P
Resistor Networks
logo
List of Unclassifed Man...
L081S105LF ETC2-L081S105LF Datasheet
169Kb / 5P
Resistor Networks
logo
TT Electronics.
628-L TTELEC-628-L Datasheet
181Kb / 4P
Resistor Networks
NQS TTELEC-NQS Datasheet
149Kb / 5P
Resistor Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com