Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK6G-R2RL Datasheet(PDF) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK6G-R2RL
Description  RESISTOR NETWORKS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK6G-R2RL Datasheet(HTML) 3 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK6G-R2RL Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK6G-R2RL Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK6G-R2RL Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK6G-R2RL Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B9(LSB)
GND
B4
B3
B1(MSB)
B7
B5
B2
B6
2R9
2R8
2R7
2R6
2R5
2R4
2R3
2R2
2R1
R6
R5
R4
R1
R2
R3
R7
OUT
2R10
R8
B8
910
12345678
11
B10(LSB)
GND
B4
B3
B1(MSB)
B7
B5
B2
B6
2R9
2R8
2R7
2R6
2R5
2R4
2R3
2R2
2R1
R6
R5
R4
R1
R2
R3
R7
2R10
R8
B8
910
12345678
OUT
2R11
R9
11
12
B9
B11(LSB)
GND
B4
B3
B7
B5
B2
B6
2R9
2R8
2R7
2R6
2R5
2R4
2R3
2R2
2R1
R6
R5
R4
R1
R2
R3
R7
2R10
R8
B8
910
1234
5678
2R11
R9
11
B9
B1(MSB)
2R12
R10
12
13
OUT
B10
B12(LSB)
GND
B4
B3
B7
B5
B2
B6
2R9
2R8
2R7
2R6
2R5
2R4
2R3
2R2
2R1
R6
R5
R4
R1
R2
R3
R7
2R10
R8
B8
910
1234
5678
2R11
R9
11
B9
2R12
R10
12
B10
B1(MSB)
2R13
R11
13
14
OUT
B11
PAGE 3-10/2012
AK11G-R/2RL
0.100"
1.100"
11 Pin SIP (9 BIT) R/2R Ladder Network
AK12G-R/2RL
0.100"
1.200"
12 Pin SIP (10 BIT) R/2R Ladder Network
AK13G-R/2RL
0.100"
1.300"
13 Pin SIP (11 BIT) R/2R Ladder Network
AK14G-R/2RL
0.100"
1.400"
14 Pin SIP (12 BIT) R/2R Ladder Network



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com