Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK6G-R2RL Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK6G-R2RL
Description  RESISTOR NETWORKS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK6G-R2RL Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK6G-R2RL Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK6G-R2RL Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK6G-R2RL Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK6G-R2RL Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2R5
2R6
B2
2R5
B2
B8(LSB)
B1(MSB)
2R3
2R7
GND
B3
R1
R4
OUT
R2
R3
R3
OUT
GND
GND
B4
B3
2R6
R6
R2
2R4
R5
B1(MSB) OUT
B7
B5
GND
2R3
B2
2R5
R4
B6
2R2
B4
B5
B6
2R2
B3
2R8
2R7
2R6
2R5
2R4
2R3
2R2
2R1
2R9
2R8
2R7
2R6
2R5
2R4
2R3
2R2
2R1
R1
R2
R3
B7(LSB)
R6
R5
R4
R1
R2
R3
R7
R1
R3
R2
R4
R5
2R4
2R3
2R2
2R1
B1(MSB)
B3
OUT
GND
B4
B5
B6(LSB)
R1
2R4
2R1
2R1
B2
B1(MSB)
B3
OUT
B4
B5(LSB)
B2
B1(MSB)
B4(LSB)
PAGE 2-10/2012
AK10G-R/2RL
0.100"
1.000"
10 Pin SIP (8 BIT) R/2R Ladder Network
AK9G-R/2RL
0.100"
0.900"
9 Pin SIP (7 BIT) R/2R Ladder Network
AK8G-R/2RL
0.100"
0.800"
8 Pin SIP (6 BIT) R/2R Ladder Network
AK7G-R/2RL
0.100"
0.700"
7 Pin SIP (5 BIT) R/2R Ladder Network
AK6G-R/2RL
0.100"
0.600"
6 Pin SIP (4 BIT) R/2R Ladder Network



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com