Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR01WARZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR01WARZ-R7
Description  Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR01WARZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR01WARZ-R7 Datasheet HTML 7Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 8Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 9Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 10Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 11Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 12Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 13Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 14Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADR01/ADR02/ADR03/ADR06
Rev. R | Page 11 of 20
INPUT VOLTAGE (V)
5
10
15
20
25
30
35 36
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
+125°C
–40°C
+25°C
Figure 9. ADR03 Supply Current vs. Input Voltage
INPUT VOLTAGE (V)
5
10
15
20
25
30
35 36
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
+125°C
–40°C
+25°C
Figure 10. ADR06 Supply Current vs. Input Voltage
40
25
20
0
85
125
30
10
IL = 0mA TO 10mA
TEMPERATURE (°C)
VIN = 36V
VIN = 14V
50
0
–40
–40
–30
–20
–10
Figure 11. ADR01 Load Regulation vs. Temperature
40
20
0
50
85
125
30
10
IL = 0mA TO 5mA
TEMPERATURE (°C)
VIN = 36V
VIN = 8V
25
0
–40
–20
–10
Figure 12. ADR02 Load Regulation vs. Temperature
0
10
20
30
40
50
60
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
125
VIN = 36V
VIN = 7V
IL = 0mA TO 10mA
Figure 13. ADR03 Load Regulation vs. Temperature
–30
–20
–10
0
10
20
40
30
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
125
VIN = 36V
IL = 0mA TO 10mA
VIN = 7V
Figure 14. ADR06 Load Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com