Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR01WARZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR01WARZ-R7
Description  Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR01WARZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR01WARZ-R7 Datasheet HTML 12Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 13Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 14Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 15Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 16Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 17Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 18Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 19Page - Analog Devices ADR01WARZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADR01/ADR02/ADR03/ADR06
Rev. R | Page 17 of 20
PROGRAMMABLE 4 mA TO 20 mA CURRENT
TRANSMITTER
Because of their precision, adequate current handling, and small
footprint, the devices are suitable as the reference sources for
many high performance converter circuits. One of these
applications is the multichannel 16-bit, 4 mA to 20 mA current
transmitter in the industrial control market (see Figure 40).
This circuit employs a Howland current pump at the output to
yield better efficiency, a lower component count, and a higher
voltage compliance than the conventional design with op amps
and MOSFETs. In this circuit, if the resistors are matched such
that R1 = R1′, R2 = R2′, R3 = R3′, the load current is
N
REF
L
D
V
R3
R1
R3)
(R2
I
2
×
×
′
+
=
(2)
where D is similarly the decimal equivalent of the DAC input
code and N is the number of bits of the DAC.
According to Equation 2, R3′ can be used to set the sensitivity.
R3′ can be made as small as necessary to achieve the current
needed within U4 output current driving capability. Alter-
natively, other resistors can be kept high to conserve power.
In this circuit, the AD8512 is capable of delivering 20 mA of
current, and the voltage compliance approaches 15.0 V.
U1
15V
VIN
VOUT
GND
TEMP TRIM
U1 = ADR01/ADR02/ADR03/ADR06, REF01
U2 = AD5543/AD5544/AD5554
U3, U4 = AD8512
U2
5V
10V
+15V
–15V
VDD
VREF
GND
RF
IO
IO
AD5544
DIGITAL INPUT
CODE 20%–100% FUL L SCALE
U3
VX
0V TO –10V
R1
150kΩ
R2
15kΩ
U4
C1
10pF
VP
R3
50Ω
AD8512
R3'
50Ω
VL
R1'
150kΩ
LOAD
500Ω
4mA TO 20mA
VN
VO
R2'
15kΩ
Figure 40. Programmable 4 mA to 20 mA Transmitter
The Howland current pump yields a potentially infinite output
impedance, that is highly desirable, but resistance matching is
critical in this application. The output impedance can be deter-
mined using Equation 3. As shown by this equation, if the
resistors are perfectly matched, ZO is infinite. Alternatively, if
they are not matched, ZO is either positive or negative. If the
latter is true, oscillation can occur. For this reason, connect
Capacitor C1 in the range of 1 pF to 10 pF between VP and the
output terminal of U4 to filter any oscillation.
−
′
′
′
=
=
1
R1R2
R2
R1
R1
I
V
Z
t
t
O
(3)
In this circuit, an ADR01 provides the stable 10.000 V reference
for the AD5544 quad 16-bit DAC. The resolution of the adjust-
able current is 0.3 µA/step; the total worst-case INL error is
merely 4 LSBs. Such error is equivalent to 1.2 µA or a 0.006%
system error, which is well below most systems’ requirements.
The result is shown in Figure 41 with measurement taken at 25°C
and 70°C; total system error of 4 LSBs at both 25°C and 70°C.
5
–1
0
65536
8192
16384
24576
32768
40960
49152
57344
4
3
2
1
0
CODE (Decimal)
RL = 500Ω
IL = 0mA TO 20mA
25°C
70°C
Figure 41. Result of Programmable 4 mA to 20 mA Current Transmitter
PRECISION BOOSTED OUTPUT REGULATOR
A precision voltage output with boosted current capability can
be realized with the circuit shown in Figure 42. In this circuit,
U2 forces VO to be equal to VREF by regulating the turn-on of
N1, thereby making the load current furnished by VIN. In this
configuration, a 50 mA load is achievable at VIN of 15.0 V.
Moderate heat is generated on the MOSFET, and higher current
can be achieved with a replacement of a larger device. In
addition, for a heavy capacitive load with a fast edging input
signal, a buffer should be added at the output to enhance the
transient response.
U2
15V
N1
200Ω
U1
ADR01/
ADR02/
ADR03/
ADR06
VIN
VOUT
TEMP TRIM
GND
V–
V+
OP1177
2N7002
VIN
VO
RL
1µF
CL
C1
1000pF
R2
100Ω
R1
100Ω
Figure 42. Precision Boosted Output Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com